Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3HU2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # B3HU2
Description  Space-saving Two-wire Signal Conditioners B3-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B3HU2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  B3HU2 Datasheet HTML 1Page - M-System Co.,Ltd. B3HU2 Datasheet HTML 2Page - M-System Co.,Ltd. B3HU2 Datasheet HTML 3Page - M-System Co.,Ltd. B3HU2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: B3HU2
B3HU2 SPECIFICATIONS
ES-7501 Rev.4 Page 1/4
https://www.m-system.co.jp/
Space-saving Two-wire Signal
Conditioners B3-UNIT
2-WIRE UNIVERSAL TEMPERATURE TRANSMITTER
(HART communication, low temp. drift)
Functions & Features
• Universal input: Voltage, T/C, RTD and resistance
• High accuracy
• HART communication
• Programming via hand-held communicator or via PC
• A wide variety of T/C and RTD types
• User’s temperature table can be used
• Self diagnostics
• Input-output isolated
mm (inch)
110.5
(4.35)
18 (.71)
106
(4.17)
MODEL: B3HU2–0[1]
ORDERING INFORMATION
• Code number: B3HU2-0[1]
Specify a code from below for [1].
(e.g. B3HU2-0/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
SAFETY APPROVAL
0: None
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-7501)
RELATED PRODUCTS
• USB interface Bell202 modem (model: COP-HU)
• PC configurator software (model: B3HU2CFG)
GENERAL SPECIFICATIONS
Construction: Stand-alone; terminal access at the front
Degree of protection: IP20
Connection: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm)
Housing material: Flame-resistant resin (gray)
Isolation: Input to output
Cold Junction Compensation: CJC sensor incorporated
Self diagnostics: Detects internal error, burnout
User-configurable items: PC and the transmitter are
connected with the COP-HU.
• Input sensor type
• Input range
• Burnout
• Output limits (Upper / Lower)
• Damping time (factory set to 0)
• Linearization
• Output calibration
• Loop test output
HART COMMUNICATION
Protocol: HART communication protocol
HART version: 7
HART address range: 0 – 63 (factory set to 0)
Transmission speed: 1200 bps
Digital current: Approx. 1 mAp-p when communicating
Character format: 1 Start Bit, 8 Data Bits, 1 Odd Parity Bit,
1 Stop Bit
Distance: 1.5 km (0.9 miles)
HART communication mode: Master-Slave Mode and Burst
Mode (factory set to Master-Slave)
HART network mode: Point-to-Point Mode and Multi-drop
Mode; automatically set to Multi-drop Mode when the
address is set to other than 0.
INPUT SPECIFICATIONS
The input is factory set for use with K thermocouple, single
input, 0 to 100°C, internal CJC sensor.
See Table 1 for the available input type, the minimum span
and the maximum range.
■ Voltage
Input resistance: ≥ 1 MΩ


Similar Part No. - B3HU2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
B3HU MSYSTEM-B3HU Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU-0 MSYSTEM-B3HU-0 Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU-0/A MSYSTEM-B3HU-0/A Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU-1 MSYSTEM-B3HU-1 Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU-1/A MSYSTEM-B3HU-1/A Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
More results

Similar Description - B3HU2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
B3FR MSYSTEM-B3FR Datasheet
122Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3FT MSYSTEM-B3FT Datasheet
133Kb / 4P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3FV MSYSTEM-B3FV Datasheet
111Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU MSYSTEM-B3HU Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3PU MSYSTEM-B3PU Datasheet
121Kb / 4P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3VS1 MSYSTEM-B3VS1 Datasheet
104Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3VS2 MSYSTEM-B3VS2 Datasheet
106Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
BCT MSYSTEM-BCT Datasheet
112Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BPT MSYSTEM-BPT Datasheet
104Kb / 2P
Space-saving Two-wire Signal Conditioners B-UNIT
B3VS MSYSTEM-B3VS Datasheet
104Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com