Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS1632R005FER Datasheet(PDF) 21 Page - ON Semiconductor

Part # MCS1632R005FER
Description  Battery Charging IC, 98% Efficient, Safe 6A Direct with Regulation and Protection
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCS1632R005FER Datasheet(HTML) 21 Page - ON Semiconductor

Back Button MCS1632R005FER Datasheet HTML 17Page - ON Semiconductor MCS1632R005FER Datasheet HTML 18Page - ON Semiconductor MCS1632R005FER Datasheet HTML 19Page - ON Semiconductor MCS1632R005FER Datasheet HTML 20Page - ON Semiconductor MCS1632R005FER Datasheet HTML 21Page - ON Semiconductor MCS1632R005FER Datasheet HTML 22Page - ON Semiconductor MCS1632R005FER Datasheet HTML 23Page - ON Semiconductor MCS1632R005FER Datasheet HTML 24Page - ON Semiconductor MCS1632R005FER Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
FAN54161
www.onsemi.com
21
VFAIL Detection
In bypass charging applications, a failure of the bypass
charging switch (however, this is rare) could result in the
travel adapter output being directly connected to the battery
pack which can cause a potentially dangerous system
fault. A VFAIL comparator monitors the voltage at PMID
while the bypass switch is open to detect the presence of a
leakage path from VBUS to PMID (when TA is attached) or
VOUT to PMID (when battery is connected) which would
indicate a failure in the bypass charging FET. During VFAIL
detection, a RFAIL pulldown resistor is connected to PMID
and a comparator checks if the PMID voltage exceeds the
VFAIL threshold. RFAIL will be disconnected from PMID
anytime the bypass switch is enabled to avoid power
consumption during bypass charging.
If the detection determines that VPMID > VFAIL for more
than tVFAIL_GLTCH, the FAN54161 will:
1. Set the VFAIL_INT bit to 1 and pull the INT_N
pin low
A VFAIL interrupt alerts the host that damage to the bypass
charging FET has occurred. The host can then alert the
system bypass charging controller to clamp the travel
adapter’s output voltage to the battery pack’s float voltage
to prevent an overcharge of the battery. Additionally, the
host can alert the end user that the portable device is
damaged and should be returned for repair.
If VFAIL_EN=1, VFAIL detection is momentarily
activated when:
1. SW_EN is set from 0 to 1, while ADC_EN=0 and
RESET_N=1. VFAIL detection occurs before the
charge pump gate drive turns on the bypass
charging FET but after the main bandgap reference
is enabled
2. ADC_EN is set from 0 to 1, while SW_EN=0 and
RESET_N=1
Regulation Loops
Figure 11 illustrates the logic that causes the FAN54161
to enter regulation mode.
Either of the following four fault protections being
triggered can cause the switch to operate in regulation mode
as follows:
1. If the voltage at VOUT exceeds VOREG(TH), and
VOREG_EN=1, the bypass switch will be
regulated such that VOUT is limited to VOREG(TH).
2. If the voltage across SNSP and SNSN exceeds
VBATREG(TH), and VBATREG_EN=1, the bypass
switch will be regulated such VBAT is limited to
VBATREG(TH).
3. If IBAT (sensed as a voltage across SRP and SRN)
exceeds IBATREG(TH), and IBATREG_EN=1, the
bypass switch will be regulated such that IBAT is
limited to IBATREG(TH).
4. If IBUS (from VBUS to VOUT) exceeds
IBUSREG(TH), and IBUSREG_EN=1, the bypass
switch will be regulated such that IBUS is limited
to IBUSREG(TH).
It must be noted that the switch essentially becomes more
resistive during regulation mode. This will cause more
power dissipation in the switch and a greater likelihood of
the junction temperature reaching or exceeding the
shutdown threshold TSDN(TH). Therefore it is imperative for
the system host controller to update the system
configuration such that none of the above four monitors are
triggered. This can be done by increasing the thresholds in
the FAN54161 or changing other external system
parameters (ex: adapter voltage or current limit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com