Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHCLA Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # CHCLA
Description  CURRENT LOOP CHECKER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CHCLA Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  CHCLA Datasheet HTML 1Page - M-System Co.,Ltd. CHCLA Datasheet HTML 2Page - M-System Co.,Ltd. CHCLA Datasheet HTML 3Page - M-System Co.,Ltd. CHCLA Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: C-HCL-A
C-HCL-A SPECIFICATIONS
ES-9250 Rev.4 Page 2/4
http://www.m-system.co.jp/
EXTERNAL VIEW
(7) Current Adjuster
(8) Current Switch
(Fixed/Variable)
(10) POWER LED
(13) Stand
(14) Battery Cover
(11) POWER Switch
(12) 2-wire Loop/4-wire
Mode Switch
(1) Monitor Switch
(2) Output Jack (+)
(5) Monitor Jack (+)
(6) Monitor Jack (–)
(4) Strap Holder
(3) Output Jack (–)
(9) Monitor Jack Cover
■ FUNCTIONAL DESCRIPTIONS
NAME
FUNCTION
(1) Monitor Switch
To enable the monitoring function, slide from S to M.
(2), (3) Output Jacks (+), (–)
Connect the test leads to + (red) and – (black).
(4) Strap Holder
Put a strap through this holder to suspend the checker.
(5), (6) Monitor Jacks (+), (–)
To monitor a current value, insert the test lead pins of a measurement device into these jacks:
red pin to (+) and black pin to (–).
(7) Current adjuster
Adjustable continuously in the range of 0 to 24mA while the Current Switch (8) is held at the VR
position.
(8) Current Switch (Fixed/Variable)
Fixed value is selectable from 4, 12, and 20mA.
(9) Monitor Jack Cover
To use the monitoring function, remove the cover.
(10) POWER LED
Red LED turns on when the power is on.
(11) POWER Switch
Switch ON and OFF for the checker.
(12) 2-wire Loop/4-wire Mode Switch
Current output is selectable from two modes, 2-wire loop (sink) and 4-wire (source).
(13) Stand
Pull the bar to set the checker in the upright position.
(14) Battery Cover
To replace a battery, remove the cover.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com