Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAL4-2-M2 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # DAL4-2-M2
Description  Multiplex Transmission System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DAL4-2-M2 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  DAL4-2-M2 Datasheet HTML 1Page - M-System Co.,Ltd. DAL4-2-M2 Datasheet HTML 2Page - M-System Co.,Ltd. DAL4-2-M2 Datasheet HTML 3Page - M-System Co.,Ltd. DAL4-2-M2 Datasheet HTML 4Page - M-System Co.,Ltd. DAL4-2-M2 Datasheet HTML 5Page - M-System Co.,Ltd. DAL4-2-M2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: DAL4
DAL4 SPECIFICATIONS
ES-6782 Rev.2 Page 4/6
http://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm (inch)
2–M5
60 (2.36)
■ M5 SCREWS
2–M4
60 (2.36)
■ M4 SCREWS
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
4
3
2
1
13
14
15
16
U(+)
FG***
V(–)
POWER
9
10
Repeater
PORT-A
Shielded
Twisted-pair Cable
6
5
Transceiver
8
7
Transceiver
Transceiver
■DAL4-1
LINK A
13
14
15
16
U(+)
V(–)
POWER
9
10
Repeater
■DAL4-2
FIBER OPTICS
LINK B
FIBER OPTICS
PORT-A TXD
PORT-A RXD
13
14
15
16
U(+)
V(–)
POWER
9
10
Repeater
■DAL4-5, 7
FIBER OPTICS
FIBER OPTICS
When the unit is located at the end of transmission line via twisted-pair cable (= no cross-wiring),
short across these terminals. Do not short them for the one not located at the end.
When the DAL4 is to be connected with the 22LA1 or DLA1 multi transmission devices,
do not connect the shield wire to the SG (4, 8 or 16) but to the FG at the instrumentation panel.
Grounding the FG improves noise immunity of the power and transmission lines, and
is a recommended practice when the DAL4 is installed where a noise is present.
*
**
***
11
12
11
12
11
12
*Jumper Pin
+
–
Jumper Pin*
+
–
PORT-B
Shielded
Twisted-pair Cable
*Jumper Pin
+
–
PORT-C
Shielded
Twisted-pair Cable
Isolation
Isolation
Transceiver
Jumper Pin*
+
–
PORT-C
Shielded
Twisted-pair Cable
Transceiver
Jumper Pin*
+
–
PORT-C
Shielded
Twisted-pair Cable
Terminating
Resistor
Terminating
Resistor
Terminating
Resistor
Terminating
Resistor
Terminating
Resistor
**
**
**
**
**
FG***
FG***



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com