Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD813F1V-12MIT Datasheet(PDF) 81 Page - STMicroelectronics

Part # PSD813F1V-12MIT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V-12MIT Datasheet(HTML) 81 Page - STMicroelectronics

Back Button PSD813F1V-12MIT Datasheet HTML 77Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 78Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 79Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 80Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 81Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 82Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 83Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 84Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 110 page
background image
81/110
PSD813F1V
Figure 41. Input to Output Disable / Enable
Figure 42. Combinatorial Timing PLD
Table 47. CPLD Combinatorial Timing (5V devices)
Note: 1. Fast Slew Rate output available on PA3-PA0, PB3-PB0, and PD2-PD0. Decrement times by given amount.
2. ZPSD versions only.
Symbol
Parameter
Conditions
-90
-12
-15
Fast
PT
Aloc
Turbo
Off2
Slew
rate1
Unit
Min
Max
Min
Max
Min
Max
tPD
CPLD Input Pin/
Feedback to CPLD
Combinatorial Output
25
30
32
+ 2
+ 10
– 2
ns
tEA
CPLD Input to CPLD
Output Enable
26
30
32
+ 10
– 2
ns
tER
CPLD Input to CPLD
Output Disable
26
30
32
+ 10
– 2
ns
tARP
CPLD Register Clear
or Preset Delay
26
30
33
+ 10
– 2
ns
tARPW
CPLD Register Clear
or Preset Pulse Width
20
24
29
+ 10
ns
tARD
CPLD Array Delay
Any
macrocell
16
18
22
+ 2
ns
tER
tEA
INPUT
INPUT TO
OUTPUT
ENABLE/DISABLE
AI02863
tPD
CPLD INPUT
CPLD
OUTPUT
ai09228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com