Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

548751 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 548751
Description  Bus node
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

548751 Datasheet(HTML) 1 Page - Festo Corporation.

  548751 Datasheet HTML 1Page - Festo Corporation. 548751 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bus node
CPX-M-FB34
Part number: 548751
Data sheet
Feature
Value
Dimensions W x L x H
(incl. interlinking block)
50 mm x 107 mm x 80 mm
Type code
CPX
Fieldbus interface
2x RJ45 push-pull socket, AIDA
Device-specific diagnostics
Channel-oriented and module-oriented diagnostics
Undervoltage of modules
Diagnostic memory
Configuration support
GSDML file
Parameterization
Diagnostic behavior
Fail-safe response
forcing of channels
Signal setup
System parameter
Additional functions
Acyclic data access via fieldbus
Acyclic data access via Ethernet
Fast start-up (FSU)
Channel-based diagnostics via fieldbus
Start-up parameterization in plain text via fieldbus
System status can be indicated via process data
Additional diagnostic interface for operator units
Control elements
DIL switch
Optional memory card
Baud rate
100 Mbit/s
DC operating voltage range
18 V ... 30 V
Intrinsic current consumption at nominal operating voltage
Typ. 120 mA
Nominal operating voltage DC
24 V
Corrosion resistance class (CRC)
0 - No corrosion stress
Storage temperature
-20 °C ... 70 °C
Degree of protection
IP65
IP67
Ambient temperature
-5 °C ... 50 °C
Product weight
280 g
Max. address capacity outputs
64 byte
Max. address capacity inputs
64 byte
Protocol
PROFINET IRT
PROFINET RT
LED display (bus-specific)
M/P: maintenance/PROFIenergy
NF: network fault
TP1: network active port 1
TP2: network active, port 2
6/10/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 548751

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
548755 FESTO-548755 Datasheet
84Kb / 2P
Bus node
More results

Similar Description - 548751

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
570038 FESTO-570038 Datasheet
80Kb / 2P
Bus node
570039 FESTO-570039 Datasheet
81Kb / 2P
Bus node
570040 FESTO-570040 Datasheet
78Kb / 2P
Bus node
572555 FESTO-572555 Datasheet
78Kb / 2P
Bus node
1544198 FESTO-1544198 Datasheet
78Kb / 2P
Bus node
2149714 FESTO-2149714 Datasheet
95Kb / 2P
Bus node
8087559 FESTO-8087559 Datasheet
70Kb / 2P
Bus node
195740 FESTO-195740 Datasheet
87Kb / 2P
Bus node
195748 FESTO-195748 Datasheet
85Kb / 2P
Bus node
2735960 FESTO-2735960 Datasheet
90Kb / 2P
Bus node
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com