Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFM104F Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # HFM104F
Description  SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

HFM104F Datasheet(HTML) 1 Page - Rectron Semiconductor

  HFM104F Datasheet HTML 1Page - Rectron Semiconductor HFM104F Datasheet HTML 2Page - Rectron Semiconductor HFM104F Datasheet HTML 3Page - Rectron Semiconductor HFM104F Datasheet HTML 4Page - Rectron Semiconductor HFM104F Datasheet HTML 5Page - Rectron Semiconductor HFM104F Datasheet HTML 6Page - Rectron Semiconductor HFM104F Datasheet HTML 7Page - Rectron Semiconductor HFM104F Datasheet HTML 8Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SURFACE MOUNT GLASS PASSIVATED
HIGH EFFICIENCY SILICON RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
HFM108F
THRU
HFM101F
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 50OC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
1.0
30
75
15
12
Amps
0 C/W
0 C/W
0 C
Storage Temperature Range
R JL
Typical Thermal Resistance (Note 1)
27
R JA
IO
pF
Operating Temperature Range
TJ
HFM101F
50
-55 to + 150
150
0 C
HFM102F HFM103F HFM104F HFM105F
HFM106F
100
200
300
400
35
70
140
210
280
50
100
200
300
400
HFM107F HFM108F
600
800
1000
600
800
1000
420
490
700
2019-07
REV:B
CHARACTERISTICS
Maximum Average Reverse Current
Maximum Full Load Reverse Current, Full
cycle Average TA =55OC
Maximum Reverse Recovery Time (Note 4)
at Rated DC Blocking Voltage
VF
SYMBOL
I
trr
R
uA
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
5.0
50
1.0
50
75
nSec
@TA = 25
oC
@TA = 150
oC
1.0
UNITS
1.3
1.7
NOTES : 1. Thermal Resistance : Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
4. Test Conditions: IF= 0.5A, IR= -1.0A, IRR= -0.25A.
3. “ R OHS compliant”
FEATURES
* Ideal for surface mounted applications
*Glass passivated device
*Low leakage current
*Metallurgically bonded construction
*Mounting position: Any
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA
HFM101F HFM102F HFM103F HFM104F HFM105F
HFM106F
HFM107F HFM108F
SMAF
Dimensions in millimeters and (inches)
2.8
2.4
0.110
0.094
0.15
0.11
0.006
0
0.004
MAX 1.05
3
.
1
0.028
.
(
(
)
)
(
(
)
)
(
(
)
)
0.051
0.7
Current Squared Time
uA
mA


Similar Part No. - HFM104F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM104 RECTRON-HFM104 Datasheet
27Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
HFM104 FORMOSA-HFM104 Datasheet
69Kb / 2P
Ultra fast recovery type
HFM104 FORMOSA-HFM104 Datasheet
36Kb / 2P
Chip Silicon Rectifier - Fast recovery type
logo
WILLAS ELECTRONIC CORP
HFM104 WILLAS-HFM104 Datasheet
596Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
HFM104 TAYCHIPST-HFM104 Datasheet
3Mb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
More results

Similar Description - HFM104F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM501 RECTRON-HFM501 Datasheet
34Kb / 3P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
PACELEADER INDUSTRIAL
HGL34A PACELEADER-HGL34A Datasheet
161Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
HSM101 PACELEADER-HSM101 Datasheet
406Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
WILLAS ELECTRONIC CORP
HFM101 WILLAS-HFM101 Datasheet
596Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
HFM101 TAYCHIPST-HFM101 Datasheet
3Mb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
GOOD-ARK Electronics
FH1 GOOD-ARK-FH1 Datasheet
379Kb / 4P
Surface Mount Glass Passivated High Efficiency Rectifier
logo
Rectron Semiconductor
HFM301B RECTRON-HFM301B Datasheet
317Kb / 7P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
HFM1012 RECTRON-HFM1012 Datasheet
170Kb / 7P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
HFM501B RECTRON-HFM501B Datasheet
397Kb / 7P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
HFM1012B RECTRON-HFM1012B Datasheet
306Kb / 8P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com