Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H361N Datasheet(PDF) 2 Page - Schneider Electric

Part # H361N
Description  Safety switch, heavy duty, fusible, 30A, 3 poles 20 hp, 20 hp, 600 VAC/DC, neutral factory installed, NEMA1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

H361N Datasheet(HTML) 2 Page - Schneider Electric

  H361N Datasheet HTML 1Page - Schneider Electric H361N Datasheet HTML 2Page - Schneider Electric H361N Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tightening torque
45 lbf.in (5.08 N.m) 0.02 in² (13.3 mm²) AWG 6)
40 lbf.in (4.52 N.m) 0.01 in² (8.367 mm²) AWG 8)
35 lbf.in (3.95 N.m) 0.00…0.01 in² (2.06…5.261 mm²) AWG 14...AWG 10)
Depth
4.87 in (123.70 mm)
Width
7.55 in (191.77 mm)
Height
14.6 in (370.84 mm)
Net Weight
8.82 lb(US) (4 kg)
Environment
Certifications
UL listed file E2875
Ordering and shipping details
Category
00008 - H&HU SW,2&3P,N1,30-200A
Discount Schedule
DE1
GTIN
00785901481911
Nbr. of units in pkg.
1
Package weight(Lbs)
8.25 lb(US) (3.74 kg)
Returnability
Yes
Country of origin
US
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
5.20 in (13.208 cm)
Package 1 width
7.80 in (19.812 cm)
Package 1 Length
16.30 in (41.402 cm)
Unit Type of Package 2
PAL
Number of Units in Package 2
120
Package 2 Weight
1026.00 lb(US) (465.385 kg)
Package 2 Height
45.50 in (115.57 cm)
Package 2 width
40.00 in (101.6 cm)
Package 2 Length
48.00 in (121.92 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which
is known to the State of California to cause cancer and birth defects or other reproductive harm. For
more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
PVC free
Yes
Contractual warranty
Warranty
18 months
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com