Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL8-B-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # DL8-B-R
Description  WEB-ENABLED REMOTE TERMINAL UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DL8-B-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  DL8-B-R Datasheet HTML 1Page - M-System Co.,Ltd. DL8-B-R Datasheet HTML 2Page - M-System Co.,Ltd. DL8-B-R Datasheet HTML 3Page - M-System Co.,Ltd. DL8-B-R Datasheet HTML 4Page - M-System Co.,Ltd. DL8-B-R Datasheet HTML 5Page - M-System Co.,Ltd. DL8-B-R Datasheet HTML 6Page - M-System Co.,Ltd. DL8-B-R Datasheet HTML 7Page - M-System Co.,Ltd. DL8-B-R Datasheet HTML 8Page - M-System Co.,Ltd. DL8-B-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MODEL: DL8
DL8 SPECIFICATIONS
ES-7691 Rev.18 Page 3/9
https://www.m-system.co.jp/
COMPATIBLE BROWSING DEVICE
■ Software requirement
Functional checked environment
PC
•OS:
Windows 7 (32-bit/64-bit), Windows 8.1 (32-bit/64-bit)), Windows 10 (32-bit/64-bit)
•Browser:
Internet Explorer 11
Microsoft Edge 89.0
Chrome 89.0
Firefox 81.0
Tablet
•OS:
iPad (iPadOS 14.4); Android terminal (Android 10.0)
•Browser:
iOS: Safari; Android: Chrome
Smart phone
•OS
iPhone (iOS 14.4); Android terminal (Android 10.0)
•Browser:
iOS:Safari; Android: Chrome
BASIC CONFIGURATIONS
The modules' addresses can be set freely from 0 to 31 regardless the mounting location. However, be sure not to use
duplicated addresses. A 4-point analog I/O module occupies 2 addresses. E.g. when R8-SV4N is set to address 5, Input 1 and
Input 2 are assigned to address 5, Input 3 and Input 4 are assigned to address 6. In this case, do not set other I/O modules to
address 6.
I/O Modules
Web-Enabled RTU Modules
Protective Cover
Hook
DIN Rail Adaptor
■ HOW TO MOUNT THE MODULE ON DIN RAIL
• Web-Enabled RTU Modules
Position the upper hook at the rear on the DIN rail and push in the lower.
When removing the module, push down the DIN rail adaptor utilizing a
minus screwdriver and pull.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com