Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2PP Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # F2PP
Description  Super-mini Signal Conditioners F2 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

F2PP Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  F2PP Datasheet HTML 1Page - M-System Co.,Ltd. F2PP Datasheet HTML 2Page - M-System Co.,Ltd. F2PP Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: F2PP
F2PP SPECIFICATIONS
ES-5438 Rev.6 Page 1/3
http://www.m-system.co.jp/
Super-mini Signal Conditioners F2 Series
PULSE ISOLATOR
Functions & Features
• Galvanically isolating pulse rate signals
• Input frequency = output frequency
• Various outputs (open collector and voltage pulses)
• High-density mounting
Typical Applications
• Isolating field pulse signals in order to reduce noises
• Changing e.g. dry contact signal to e.g. 5 V signals
22.5 (.89)
75
(2.95)
mm (inch)
107
(4.21)
MODEL: F2PP–[1][2][3]–R[4]
ORDERING INFORMATION
• Code number: F2PP-[1][2][3]-R[4]
Specify a code from below for each of [1] through [4].
(e.g. F2PP-33N-R/Q)
• Frequency range (e.g. 0 – 1000 Hz)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
1: Mechanical contact (max. 30 Hz)
2: Open collector (max. 10 kHz)
3: Voltage pulse (max. 10 kHz)
Note: When the output signal is Low frequency open
collector, the max. input frequency is 30 Hz.
[2] OUTPUT
1: Low frequency open collector (max. 30 Hz)
2: High frequency open collector (max. 10 kHz)
3: 5 V pulse (max. 10 kHz)
4: 12 V pulse (max. 10 kHz)
5: 24 V pulse (max. 10 kHz)
[3] OUTPUT LOGIC
N: The same as the input
R: Inverted
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
GENERAL SPECIFICATIONS
Construction: Stand-alone; terminal access at the front
Connection: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length 7 mm)
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Frequency range: Input and output are the same.
Chattering protection: Filter provided for mechanical
contact input
Input pulse sensing: DC coupled
INPUT SPECIFICATIONS
Excitation: 12 V DC @30 mA; shortcircuit protection
■ Open Collector
Sensing: Approx. 12 V DC @ 3 mA
ON/OFF level: ≤ 200 Ω / 0.6V for ON, ≥ 100 kΩ / 6V for OFF
Low frequency open collector output
Maximum frequency: 30 Hz
Pulse width time requirement: 10 msec. min. for ON and
OFF
High frequency open collector output
Maximum frequency: 10 kHz
Pulse width time requirement: 10 μsec. min. for ON and OFF
■ Mechanical Contact
Maximum frequency: 30 Hz
Pulse width time requirement: 10 msec. min. for ON and
OFF
Sensing: Approx. 12 V DC @3 mA
ON/OFF level: ≤ 200 Ω / 0.6 V for ON, ≥ 100 kΩ / 6 V for OFF
■ Voltage Pulse: Square or sine waveforms
Low frequency open collector output
Maximum frequency: 30 Hz


Similar Part No. - F2PP

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
F2P2014 BOTHHAND-F2P2014 Datasheet
162Kb / 2P
2.5G/5G BASE?밫 DUAL PORT
F2P6014 BOTHHAND-F2P6014 Datasheet
163Kb / 2P
2.5G/5G BASE?밫 DUAL PORT
More results

Similar Description - F2PP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
F2AP MSYSTEM-F2AP Datasheet
108Kb / 3P
Super-mini Signal Conditioners F2 Series
F2D MSYSTEM-F2D Datasheet
99Kb / 3P
Super-mini Signal Conditioners F2 Series
F2DL MSYSTEM-F2DL Datasheet
99Kb / 3P
Super-mini Signal Conditioners F2 Series
F2DY MSYSTEM-F2DY Datasheet
93Kb / 2P
Super-mini Signal Conditioners F2 Series
F2FL MSYSTEM-F2FL Datasheet
96Kb / 2P
Super-mini Signal Conditioners F2 Series
F2RS MSYSTEM-F2RS Datasheet
98Kb / 3P
Super-mini Signal Conditioners F2 Series
F2SN MSYSTEM-F2SN Datasheet
103Kb / 3P
Super-mini Signal Conditioners F2 Series
F2TS MSYSTEM-F2TS Datasheet
99Kb / 3P
Super-mini Signal Conditioners F2 Series
F2VF MSYSTEM-F2VF Datasheet
96Kb / 3P
Super-mini Signal Conditioners F2 Series
F2VS MSYSTEM-F2VS Datasheet
96Kb / 3P
Super-mini Signal Conditioners F2 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com