Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2SN Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # F2SN
Description  Super-mini Signal Conditioners F2 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

F2SN Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  F2SN Datasheet HTML 1Page - M-System Co.,Ltd. F2SN Datasheet HTML 2Page - M-System Co.,Ltd. F2SN Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: F2SN
F2SN SPECIFICATIONS
ES-5419 Rev.8 Page 3/3
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
1 2 3 4
5 6 7 8
107 (4.21)
[1.5 (.06)]
DIN RAIL
35mm wide
22.5 (.89)
• When mounting, no extra space is needed between units.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
Ch 1 INPUT
1
3
4
+
5
6
7
8
+
2
+
Ch 2 INPUT
Chopper
Buffer
Amplifier
Z
S
Ch 1 OUTPUT
Ch 2 OUTPUT
Inverter
Rectifier
■ VOLTAGE OUTPUT
+
Ch 1 INPUT
1
+
5
6
2
3
4
S
Ch 1 OUTPUT
7
8
+
Inverter
Isolation
Load Effect
Compensation
Z
■ CURRENT OUTPUT
+
Ch 2 OUTPUT
Channel 2
Channel 2
Ch 2. INPUT
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com