Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCN32 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # FCN32
Description  CABLE (with FCN connectors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

FCN32 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  FCN32 Datasheet HTML 1Page - M-System Co.,Ltd. FCN32 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: FCN32
http://www.m-system.co.jp/
FCN32 SPECIFICATIONS
ES-5623 Rev.1 Page 1/2
CABLE (with FCN connectors)
(40-pin to 32-pin, shielded)
MODEL: FCN32-[1]
ORDERING INFORMATION
• Code number: FCN32-[1]
Specify a code from below for [1].
(e.g. FCN32-10)
[1] CABLE LENGTH
03: Cable with connectors at both ends L = 30 cm (11.8 in.)
05: Cable with connectors at both ends L = 50 cm (1.6 ft.)
10: Cable with connectors at both ends L = 1 m (3.3 ft.)
20: Cable with connectors at both ends L = 2 m (6.6 ft.)
RELATED PRODUCTS
• PC Recorder (model: R1M-A1C1)
• PC Recorder (model: R1M-D1C1)
GENERAL SPECIFICATIONS
Side A Connector Model
• Connector model: FCN-361J040-AU
• Cover model: FCN-360C040-B
Side B Connector Model
• Connector model: FCN-361J032-AU
• Cover model: FCN-360C032-B
Cable: Shielded cable with 40 core cables
INSTALLATION
Weight
FCN32-03: 110 g (0.24 lb)
FCN32-05: 140 g (0.31 lb)
FCN32-10: 220 g (0.49 lb)
FCN32-20: 350 g (0.77 lb)
PERFORMANCE
Maximum current: 0.2 A
Dielectric strength: 500 V AC @ 1 minute


Similar Part No. - FCN32

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCN3022A394K-X CDE-FCN3022A394K-X Datasheet
559Kb / 8P
Surface Mount Film Capacitors
logo
List of Unclassifed Man...
FCN3022A394K-X ETC2-FCN3022A394K-X Datasheet
492Kb / 9P
Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
logo
Cornell Dubilier Electr...
FCN3022A394K-X CDE-FCN3022A394K-X Datasheet
599Kb / 9P
Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
FCN3022A474K-X CDE-FCN3022A474K-X Datasheet
559Kb / 8P
Surface Mount Film Capacitors
logo
List of Unclassifed Man...
FCN3022A474K-X ETC2-FCN3022A474K-X Datasheet
492Kb / 9P
Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
More results

Similar Description - FCN32

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98681-1001 MOLEX-98681-1001 Datasheet
295Kb / 2P
MOST Receptacle Housing with Connectors and Cable Cover
logo
Omron Electronics LLC
XG4_1011 OMRON-XG4_1011 Datasheet
1Mb / 22P
Flat Cable Connectors
logo
List of Unclassifed Man...
EA34 ETC2-EA34 Datasheet
55Kb / 1P
CONNECTORS FOR CABLE
logo
Omron Electronics LLC
XG4M-5030-T OMRON-XG4M-5030-T Datasheet
1Mb / 20P
Flat Cable Connectors
logo
List of Unclassifed Man...
EA282N ETC2-EA282N Datasheet
55Kb / 1P
CONNECTORS FOR CABLE
logo
PHOENIX CONTACT
2322032 PHOENIX-2322032 Datasheet
60Kb / 2P
Splitting cable (Fujitsu FCN 24-pos. on two FLK 14-pos.) for GE-Fanuc 90-30; cable length: 1.5 m
logo
Mitsumi Electronics, Co...
IAM-K88 MITSUMI-IAM-K88 Datasheet
1Mb / 12P
HSD Cable Connectors
logo
M-System Co.,Ltd.
FCN MSYSTEM-FCN Datasheet
72Kb / 2P
CABLE (with FCN connectors)
logo
Pepperl+Fuchs Inc.
K-HM14 PF-K-HM14 Datasheet
535Kb / 2P
HART Connection Cable with Connectors
2020-04-30
logo
REAN
RT3FC-B REAN-RT3FC-B Datasheet
1Mb / 24P
TINYxlr Cable Connectors
2012 / 13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com