Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

565705 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 565705
Description  Connection block
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

565705 Datasheet(HTML) 1 Page - Festo Corporation.

  565705 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Connection block
CPX-P-AB-4XM12-4POL-8DE-N-IS
Part number: 565705
Data sheet
Feature
Value
Dimensions W x L x H
(incl. interlinking block and connection system)
50 mm x 107 mm x 70 mm
Type code
CPX-P
No. of inputs
8
CE marking (see declaration of conformity)
as per EU explosion protection directive (ATEX)
Explosion protection certification outside the EU
EPL Da (BR)
EPL Da (IEC-EX)
EPL Ga (BR)
EPL Ga (IEC-EX)
Explosion prevention and protection
Zone 0 (BR)
Zone 20 (BR)
Zone 0 (IEC-EX)
Zone 20 (IEC-EX)
Certificate issuing authority
DNV 15.0192 X
IECEx ZLM 12.0007 X
ZELM 12 ATEX 0500 X
ATEX category gas
II (1) G
ATEX category for dust
II (1) D
Type of ignition protection for gas
[Ex ia Ga] IIC
Type of (ignition) protection for dust
[Ex ia Da] IIIC
Explosive ambient temperature
-5°C <= Ta <= +50°C
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
(when installed)
Storage temperature
-20 °C ... 70 °C
Relative air humidity
95 %
Non-condensing
Degree of protection
IP65
Ambient temperature
-5 °C ... 50 °C
Product weight
120 g
Electrical connection
4-pin
4x socket
A-coded
M12x1 round plug connector
Type of mounting
On interlinking block CPX-M-GE...
Note on materials
RoHS-compliant
Housing material
PA-reinforced
6/15/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 565705

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
565703 FESTO-565703 Datasheet
84Kb / 1P
Connection block
565704 FESTO-565704 Datasheet
75Kb / 1P
Connection block
565706 FESTO-565706 Datasheet
75Kb / 1P
Connection block
565709 FESTO-565709 Datasheet
79Kb / 1P
Plug
More results

Similar Description - 565705

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
195706 FESTO-195706 Datasheet
79Kb / 1P
Connection block
195708 FESTO-195708 Datasheet
75Kb / 1P
Connection block
541254 FESTO-541254 Datasheet
80Kb / 1P
Connection block
541519 FESTO-541519 Datasheet
73Kb / 1P
Connection block
565704 FESTO-565704 Datasheet
75Kb / 1P
Connection block
8154581 FESTO-8154581 Datasheet
68Kb / 1P
Connection block
7/20/22
8154589 FESTO-8154589 Datasheet
69Kb / 1P
Connection block
7/20/22
8154590 FESTO-8154590 Datasheet
68Kb / 1P
Connection block
7/20/22
8154598 FESTO-8154598 Datasheet
68Kb / 1P
Connection block
7/20/22
18842 FESTO-18842 Datasheet
66Kb / 1P
Connection block
7/31/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com