Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD106 Datasheet(PDF) 22 Page - Analog Devices

Part # ADPD106
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD106 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADPD106 Datasheet HTML 18Page - Analog Devices ADPD106 Datasheet HTML 19Page - Analog Devices ADPD106 Datasheet HTML 20Page - Analog Devices ADPD106 Datasheet HTML 21Page - Analog Devices ADPD106 Datasheet HTML 22Page - Analog Devices ADPD106 Datasheet HTML 23Page - Analog Devices ADPD106 Datasheet HTML 24Page - Analog Devices ADPD106 Datasheet HTML 25Page - Analog Devices ADPD106 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 22 of 66
Table 17. Time Slot Switch (Register 0x14)
Address
Bits
Name
Description
0x14
[11:8]
SLOTB_PD_SEL
Selects connection of photodiode for Time Slot B as shown in Figure 22 and Figure 23.
0x0: inputs are floating in Time Slot B.
0x1: PD1-2 is connected to Channel 1; PD3-4 is connected to Channel 2 during Time Slot B.
0x5: PD1-2 is connected to Channel 1 and Channel 2; PD3-4 is connected to Channel 3
and Channel 4 during Time Slot B.
Other: reserved.
[7:4]
SLOTA_PD_SEL
Selects connection of photodiode for Time Slot A as shown in Figure 22 and Figure 23.
0x0: inputs are floating in Time Slot A.
0x1: PD1-2 is connected to Channel 1; PD3-4 is connected to Channel 2 during Time Slot A.
0x5: PD1-2 is connected to Channel 1 and Channel 2; PD3-4 is connected to Channel 3
and Channel 4 during Time Slot A.
Other: reserved.
ADJUSTABLE SAMPLING FREQUENCY
Register 0x12 controls the sampling frequency setting of the
ADPD105/ADPD106/ADPD107 and Register 0x4B, Bits[5:0]
further tunes this clock for greater accuracy. The sampling
frequency is governed by an internal 32 kHz sample rate clock
that also drives the trans-ition of the internal state machine. The
maximum sampling frequencies for some sample conditions
are listed in Table 3. The maximum sample frequency for all
conditions is determined by the following equation:
fSAMPLE, MAX = 1/(tA + t1 + tB + t2 + tSLEEP, MIN)
where tSLEEP, MIN is the minimum sleep time required between
samples.
If a given time slot is not in use, elements from that time slot do
not factor into the calculation. For example, if Time Slot A is
not in use, tA and t1 do not add to the sampling period and the
new maximum sampling frequency is calculated as follows:
fSAMPLE, MAX = 1/(tB + t2 + tSLEEP, MIN)
See the Dual Time Slot Operation section for the definitions of
tA, t1, tB, and t2.
External Sync for Sampling
The ADPD105/ADPD106/ADPD107 provide an option to use
an external sync signal to trigger the sampling periods. This
external sample sync signal can be provided either on the
GPIO0 pin or the GPIO1 pin. This functionality is controlled
by Register 0x4F, Bits[3:2]. When enabled, a rising edge on
the selected input specifies when the next sample cycle occurs.
When triggered, there is a delay of one to two internal sampling
clock (32 kHz) cycles, and then the normal start-up sequence
occurs. This sequence is the same as when the normal sample
timer providesthe trigger. To enable the external sync signal
feature, use the following procedure:
1.
Write 0x1 to Register 0x10 to enter program mode.
2.
Write the appropriate value to Register 0x4F, Bits[3:2] to
select whether the GPIO0 pin or the GPIO1 pin specifies
when the next sample cycle occurs. Also, enable the
appropriate input buffer using Register 0x4F, Bit 1, for the
GPIO0 pin, or Register 0x4F, Bit 5, for the GPIO1 pin.
3.
Write 0x4000 to Register 0x38.
4.
Write 0x2 to Register 0x10 to start the sampling operations.
5.
Apply the external sync signal on the selected pin at the
desired rate; sampling occurs at that rate. As with normal
sampling operations, read the data using the FIFO or the
data registers.
The maximum frequency constraints also apply in this case.
Providing an External 32kHz Clock
The ADPD105/ADPD106/ADPD107 have an option for the
user to provide an external 32 kHz clock to the devices for
system synchronization or for situations where a clock with
better accuracy than the internal 32 kHz clock is required. The
external 32 kHz clock is provided on the GPIO1 pin. To enable
the 32 kHz external clock, use the following procedure at startup:
1.
Drive the GPIO1 pin to a valid logic level or with the
desired 32 kHz clock prior to enabling the GPIO1 pin as an
input. Do not leave the pin floating prior to enabling it.
2.
Write 01 to Register 0x4F, Bits[6:5] to enable the GPIO1 pin as
an input.
3.
Write 10 to Register 0x4B, Bits[8:7] to configure the devices to
use an external 32 kHz clock. This setting disables the
internal 32 kHz clock and enables the external 32 kHz clock.
4.
Write 0x1 to Register 0x10 to enter program mode.
5.
Write additional control registers in any order while the
devices are in program mode to configure the devices as
required.
6.
Write 0x2 to Register 0x10 to start the normal sampling
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com