Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9201 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS9201
Description  Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS9201 Datasheet(HTML) 1 Page - ON Semiconductor

  CS9201 Datasheet HTML 1Page - ON Semiconductor CS9201 Datasheet HTML 2Page - ON Semiconductor CS9201 Datasheet HTML 3Page - ON Semiconductor CS9201 Datasheet HTML 4Page - ON Semiconductor CS9201 Datasheet HTML 5Page - ON Semiconductor CS9201 Datasheet HTML 6Page - ON Semiconductor CS9201 Datasheet HTML 7Page - ON Semiconductor CS9201 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
November, 2001 – Rev. 13
1
Publication Order Number:
CS9201/D
CS9201
Micropower 5.0 V, 100 mA
Low Dropout Linear
Regulator with NOCAP™
The CS9201 is a precision 5.0 V, 100 mA voltage regulator with low
quiescent current (450
µA typ. @ 100 µA load). The 5.0 V output is
accurate within
±2% and supplies 100 mA of load current with a
maximum dropout voltage of only 600 mV.
The regulator is protected against reverse battery, short circuit, over
voltage, and over temperature conditions. The device can withstand
74 V peak transients making it suitable for use in automotive
environments. ON’s proprietary NOCAP solution is the first
technology which allows the output to be stable without the use of an
external capacitor. NOCAP is suitable for slow switching or steady
loads.
Features
• NOCAP
• Low Quiescent Current (450 µΑ typ. @ 100 µA load)
• 5.0 V, ±2% Output
• 100 mA Output Current Capability
• Fault Protection
– 74 V Peak Transient Voltage
– –15 V Reverse Voltage
– Short Circuit
– Thermal Shutdown
– Overvoltage Shutdown
• Internally Fused Leads
Current Source
(Circuit Bias)
Voltage
Shutdown
Over
NOCAP
Current Limit
Sense
Thermal
Shutdown
Bandgap
Reference
VOUT
Sense(1)
GND
VIN
+
–
Error
Amplifier
(1) Contact factory for optional Sense lead.
Figure 1. Block Diagram
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
CS9201YDF8
SO–8
95 Units/Rail
CS9201YDFR8
2500 Tape & Reel
SO–8
SO–8
DF SUFFIX
CASE 751
1
8
NC
NC
1
8
GND
GND
GND
GND
VIN
VOUT
PIN CONNECTIONS AND
MARKING DIAGRAM
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week


Similar Part No. - CS9201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS9201 ONSEMI-CS9201 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - CS9201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS9202 ONSEMI-CS9202 Datasheet
61Kb / 6P
Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
May, 2004 ??Rev. 12
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS9202 ONSEMI-CS9202_06 Datasheet
69Kb / 6P
Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com