Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD188GG Datasheet(PDF) 4 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 4 Page - Analog Devices

  ADPD188GG Datasheet HTML 1Page - Analog Devices ADPD188GG Datasheet HTML 2Page - Analog Devices ADPD188GG Datasheet HTML 3Page - Analog Devices ADPD188GG Datasheet HTML 4Page - Analog Devices ADPD188GG Datasheet HTML 5Page - Analog Devices ADPD188GG Datasheet HTML 6Page - Analog Devices ADPD188GG Datasheet HTML 7Page - Analog Devices ADPD188GG Datasheet HTML 8Page - Analog Devices ADPD188GG Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
ADPD188GG
Data Sheet
Rev. B | Page 4 of 61
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CATHODE PIN (PDC) VOLTAGE
During All Sampling Periods
Register 0x54, Bit 7 = 0x0; Register 0x3C, Bit 9 = 15
1.8
V
Register 0x54, Bit 7 = 0x0; Register 0x3C, Bit 9 = 0
1.3
V
During Time Slot A Sampling
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[9:8] = 0x05
1.8
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[9:8] = 0x1
1.3
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[9:8] = 0x2
TIA_VREF +
0.25
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[9:8] = 0x36
0
V
During Time Slot B Sampling
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[11:10] = 0x05
1.8
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[11:10] = 0x1
1.3
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[11:10] = 0x2
TIA_VREF +
0.25
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[11:10] = 0x36
0
V
During Sleep Periods
Register 0x54, Bit 7 = 0x0; Register 0x3C, Bit 9 = 1
1.8
V
Register 0x54, Bit 7 = 0x0; Register 0x3C, Bit 9 = 0
1.3
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[13:12] = 0x0
1.8
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[13:12] = 0x1
1.3
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[13:12] = 0x2
TIA_VREF +
0.25
V
Register 0x54, Bit 7 = 0x1; Register 0x54, Bits[13:12] = 0x3
0
V
LEDs
LED Peak Current Setting
Adjustable via the Register 0x22 through Register 0x25
settings
12
370
mA
Dominant Wavelength7
LED1; Green LED
IF = 40 mA
525
nm
Luminous Intensity
λ = 525 nm, IF = 40 mA at 25°C
2800
3200
mcd
Photodiode
Responsivity
Wavelength, λ = 525 nm
0.25
A/W
Active Area
Photodiode 1
0.4
mm2
Photodiode 2
0.8
mm2
POWER SUPPLY VOLTAGES
The ADPD188GG does not require a specific power-up sequence
VDD
Applied at the VDD1 and VDD2 pins
1.7
1.8
1.9
V
VLED18, 9
4
4.5
5.0
V
DC Power Supply Rejection
Ratio (PSRR)
At 75% full scale input signal
24
dB
TEMPERATURE RANGE
Operating
−40
+85
°C
1
Saturation illuminance refers to the amount of ambient light that saturates the ADPD188GG signal. Actual results may vary by factors of up to 2× from typical
specifications. As a point of reference, Air Mass 1.5 (AM1.5) sunlight (brightest sunlight) produces 100 kLux.
2
Blackbody color temperature (T = 5800 K) closely matches the light produced by solar radiation (sunlight).
3
Minimum LED period = (2 × AFE width) + 5 µs.
4
The maximum values in this specification are the internal ADC sampling rates in normal mode. The I2C read rates in some configurations may limit the output data rate.
5
This mode may induce additional noise and is not recommended unless necessary. The 1.8 V setting uses VDD, which contains greater amounts of differential voltage
noise with respect to the anode voltage. A differential voltage between the anode and cathode injects a differential current across the capacitance of the photodiode
of the magnitude of C × dV/dt.
6
This setting is not recommended for photodiodes because it causes a 1.3 V forward bias of the photodiode.
7
IF is the forward current of the diode.
8
Set VLEDx such that the maximum desired LED current is achievable with the turn on voltage of the LEDs that are wired to the LEDx/DNC pins. The LEDx/DNC pins are
connected to the LEDx driver, which can be modeled as current sinks (see Figure 1). When an appropriate VLEDx is used, the voltage at the LEDx/DNC pins adjusts
automatically to accommodate the LED turn on voltage and the LED current.
9
See Figure 9 for the current limitation at the minimum VLED supply voltage, VLED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com