Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGS1209BCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADGS1209BCPZ
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1209BCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADGS1209BCPZ Datasheet HTML 22Page - Analog Devices ADGS1209BCPZ Datasheet HTML 23Page - Analog Devices ADGS1209BCPZ Datasheet HTML 24Page - Analog Devices ADGS1209BCPZ Datasheet HTML 25Page - Analog Devices ADGS1209BCPZ Datasheet HTML 26Page - Analog Devices ADGS1209BCPZ Datasheet HTML 27Page - Analog Devices ADGS1209BCPZ Datasheet HTML 28Page - Analog Devices ADGS1209BCPZ Datasheet HTML 29Page - Analog Devices ADGS1209BCPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
ADGS1208/ADGS1209
Data Sheet
Rev. 0 | Page 26 of 33
GENERAL-PURPOSE OUTPUTS
The ADGS1208/ADGS1209 have four general-purpose outputs
(GPOs). These digital outputs allow the control of other devices
using the ADGS1208/ADGS1209. The GPOs are controlled
from the SW_DATA register, where they can be either set high
or low. When the device is in round robin mode, the GPOs are
driven low. The logic low level is GND and VL sets the logic
high level. Figure 54 shows how the ADGS1208 can be used to
control another device, which in this example is the ADG758.
S8
SDI
SCLK
CS
RESET/VL
S1
GPO1
A0
A1
A2
EN
D
ADGS1208
SDO
CNV
ADG758
GPO2
GPO3
GPO4
1 OF 8
DECODER
S8
S1
D
SPI
INTERFACE
Figure 54. ADGS1208 Device Controlling the ADG758



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com