Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85EPF02 Datasheet(PDF) 1 Page - International Rectifier

Part # 85EPF02
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

85EPF02 Datasheet(HTML) 1 Page - International Rectifier

  85EPF02 Datasheet HTML 1Page - International Rectifier 85EPF02 Datasheet HTML 2Page - International Rectifier 85EPF02 Datasheet HTML 3Page - International Rectifier 85EPF02 Datasheet HTML 4Page - International Rectifier 85EPF02 Datasheet HTML 5Page - International Rectifier 85EPF02 Datasheet HTML 6Page - International Rectifier 85EPF02 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Description/ Features
The 85EPF.. fast soft recovery
QUIET
IR rectifier series
has been optimized for combined short reverse recovery
time and low forward voltage drop.
The glass passivation ensures stable reliable operation in
the most severe temperature and power cycling
conditions.
Available in the new Pow
IRtab TM package, this new series
is suitable for a large range of applications combining
excellent die to footprint ratio and sturdeness connectivity
for use in high current environments.
Typical applications are both:
Output rectification and freewheeling in
inverters, choppers and converters
Input rectifications where severe
restrictions on conducted EMI should be met.
Major Ratings and Characteristics
I
F(AV)
Rect. Conduction
85
A
50% duty Cycle
@ T
C
= 85° C
I
F(RMS)
160
A
V
RRM
range (*)
200 to600
V
I
FSM
1100
A
V
F
@100 A, T
J
= 25°C
1.35
V
t
rr
@ 1A, - 100A/µs
70
ns
T
J
range
-40to150
°C
Characteristics
85EPF..
Units
I
F(RMS) = 160 A
V
F
< 1.35 V @ 100 A
t
rr
= 70 nsec
V
RRM
200 to 600 V
Bulletin I2152 rev. B 12/02
QUIETIR
85EPF.. Series
Case Styles
85EPF..
85EPF..J
FAST SOFT RECOVERY
RECTIFIER DIODE
(*)
for higher voltage up to 1600V contact factory
1
www.irf.com


Similar Part No. - 85EPF02

ManufacturerPart #DatasheetDescription
logo
International Rectifier
85EPF08 IRF-85EPF08 Datasheet
144Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - 85EPF02

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPF06 IRF-60EPF06 Datasheet
149Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
85EPF IRF-85EPF Datasheet
144Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
10ETF02 IRF-10ETF02 Datasheet
217Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
Fast Soft Recovery Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com