Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5011 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF5011
Description  1.8V Crystal Oscillator Module ICs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5011 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF5011 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5011 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5011 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5011 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5011 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5011 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5011 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CF5011 series
NIPPON PRECISION CIRCUITS INC.—2
PAD LAYOUT
(Unit:
µm)
PIN DESCRIPTION and PAD DIMENSIONS
BLOCK DIAGRAM
CF5011AL
×
CF5011AN
×
Chip size: 0.92
× 1.31 mm
Chip thickness: 300 ± 30 µm
Chip base: VDD level
Name
I/O
Description
Pad dimensions [µm]
XY
INHN
I
Operation mode control input.
<CF5011AL
×>
The oscillator stops and Q becomes high impedance when LOW. Power saving
pull-up resistor built in
<CF5011AN
×>
Q becomes high impedance when LOW. Pull-up resistor built in
195
212
XT
I
Amplifier input
Crystal oscillator connection pins.
Crystal oscillator connected between XT and XTN
385
212
XTN
O
Amplifier output
575
212
VSS
–
Ground
766
212
Q
O
Output. Output frequency (fO). High impedance when INHN is LOW
765
1152
VDD
–
Supply voltage
162
1152
Q
VDD
XT
VSS
(0,0)
(920,1310)
X
Y
INHN
XTN
Substrate potential: VDD
XT
VSS
VDD
Q
CG
CD
Rf 1
XTN
INHN
Cf
Rf 2
Substrate potential: VDD
XT
VSS
VDD
Q
CG
CD
Rf 1
XTN
INHN
Cf
Rf 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com