Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17843ACBV Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX17843ACBV
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACBV Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX17843ACBV Datasheet HTML 25Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 26Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 27Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 28Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 29Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 30Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 31Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 32Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 131 page
background image
Auxiliary Inputs
The AUXIN1 and AUXIN2 inputs can be used to measure
external temperatures by enabling MEASUREEN[13:12].
These inputs have a common-mode input range of 0 to
VAA. For these measurements, the ADC reference volt-
age is VTHRM, which is switched from VAA, as shown in
Figure 8. The auxiliary inputs are not oversampled even
if oversampling is enabled; they are measured only once
and stored as 12-bit values in the AIN1 and AIN2 registers.
To measure external temperature, the auxiliary input is
connected to a voltage-divider consisting of a 10kΩ pullup
to THRM and a 10kΩ NTC thermistor to ground, as shown
in Figure 9.
Figure 8. Auxiliary Measurement
Figure 9. Auxiliary Application Circuit
+
LV
MUX
ADC
VREF
-
AGND
AUXIN1
AUXIN2
CONVERSIONS IN
PROGRESS
VAA
THRM
t
t
AUXIN2
AUXIN1
AGND
THRM
R61
10kΩ
R60
10kΩ
RTH1
10kΩ
RTH2
10kΩ
C61
100pF
C62
100pF
THERMISTOR
WIRE HARNESS
C60
100pF
MAX17843
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com