Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS726 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS726
Description  12 TO 36 MHZ SOT-23 VCXO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS726 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS726 Datasheet HTML 1Page - Integrated Circuit Systems ICS726 Datasheet HTML 2Page - Integrated Circuit Systems ICS726 Datasheet HTML 3Page - Integrated Circuit Systems ICS726 Datasheet HTML 4Page - Integrated Circuit Systems ICS726 Datasheet HTML 5Page - Integrated Circuit Systems ICS726 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
12 TO 36 MHZ SOT-23 VCXO
MDS 726 F
6
Revision 112905
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297-1 201 www.icst.com
ICS726
Package Outline and Package Dimensions (6-pin TSOT-23-6)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS726T
726
Tubes
6-pin TSOT-23-6
0 to +70
° C
ICS726TT
726
Tape and Reel
6-pin TSOT-23-6
0 to +70
° C
ICS726TLF
726
Tubes
6-pin TSOT-23-6
0 to +70
° C
ICS726TLFT
726
Tape and Reel
6-pin TSOT-23-6
0 to +70
° C
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
0.90
1.45
.0354
.0571
A1
00.150
.0059
A2
0.90
1.30
.0354
.0512
b
0.35
0.50
.0138
.0197
c
0.09
0.22
.0036
.0087
D
2.80
3.00
.1102
.1181
E
2.60
3.00
.1024
.1181
E1
1.50
1.75
.0591
.0689
e
0.95 BASIC
0.0374 BASIC
e1
1.90 BASIC
0.0748 BASIC
L
0.35
0.55
.0138
.0217
L1
0.50
0.70
.0197
.0276
L2
0.25 BASIC
.0098 BASIC
θ
0
°
10
°
0
°
10
°
aaa
0.10
.0039



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com