Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5145 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over the –40°C to 150°C junction temperature
range unless otherwise stated. VVIN = 48 V, VEN/UVLO = 1.5 V, RRT = 25 kΩ unless otherwise stated. (1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IPG-OH
PGOOD high state leakage current
VFB = 0.8 V, VPGOOD = 13 V
400
nA
OSCILLATOR
FSW1
Oscilator frequency – 1
RRT = 100 kΩ
100
kHz
FSW2
Oscillator frequency – 2
RRT = 25 kΩ
380
400
420
kHz
FSW3
Oscillator frequency – 3
RRT = 12.5 kΩ
780
kHz
SYNCHRONIZATION INPUT AND OUTPUT
FSYNC
SYNCIN external clock frequency range % of nominal frequency set by RRT
–20%
50%
VSYNC-IH
SYNCIN input logic high
2
V
VSYNC-IL
SYNCIN input logic low
0.8
V
RSYNC-IN
SYNCIN input resistance
VSYNCIN = 3 V
20
kΩ
TSYNCI-PW
SYNCIN input minimum pulsewidth
Minimum high state or low state
duration
50
ns
VSYNCO-OH
SYNCOUT high-state output voltage
ISYNCOUT = –1 mA (sourcing current)
3
V
VSYNCO-OL
SYNCOUT low-state output voltage
ISYNCOUT = 1 mA (sinking current)
0.4
V
TSYNCOUT
Delay from HO rising to SYNCOUT
leading edge
VSYNCIN = 0 V, TS = 1/FSW, FSW set by
RRT
TS/2 –
140
ns
TSYNCIN
Delay from SYNCIN rising to HO
leading edge
50% to 50%
150
ns
GATE DRIVERS
RHO-UP
HO high state resistance, HO to BST
VBST – VSW = 7 V, IHO = –100 mA
1.5
Ω
RHO-DOWN
HO low state resistance, HO to SW
VBST – VSW = 7 V, IHO = 100 mA
0.9
Ω
RLO-UP
LO high state resistance, LO to VCC
VBST – VSW = 7 V, ILO = –100 mA
1.5
Ω
RLO-DOWN
LO low state resistance, LO to PGND
VBST – VSW = 7 V, ILO = 100 mA
0.9
Ω
IHOH, ILOH
HO, LO source current
VBST – VSW = 7 V, HO = SW, LO =
AGND
2.3
A
IHOL, ILOL
HO, LO sink current
VBST – VSW = 7 V, HO = BST, LO = VCC
3.5
A
BOOTSTRAP DIODE AND UNDERVOLTAGE THRESHOLD
VBST-FWD
Diode forward voltage, VCC to BST
VCC to BST, BST pin sourcing 20 mA
0.75
0.9
V
IQ-BST
BST to SW quiescent current, not
switching
VSS/TRK = 0 V, VSW = 48 V, VBST = 54 V
80
µA
VBST-UV
BST to SW undervoltage detection
VBST – VSW falling
3.4
V
VBST-HYS
BST to SW undervoltage hysteresis
VBST – VSW rising
0.42
V
PWM CONTROL
tON(min)
Minimum controllable on-time
VBST – VSW = 7 V, HO 50% to 50%
40
60
ns
tOFF(min)
Minimum off-time
VBST – VSW = 7 V, HO 50% to 50%
140
200
ns
DC100kHz
Maximum duty cycle
FSW = 100 kHz, 6 V ≤ VVIN ≤ 60 V
98
99
%
DC400kHz
FSW = 400 kHz, 6 V ≤ VVIN ≤ 60 V
90
94
%
VRAMP(min)
RAMP valley voltage (COMP at 0% duty
cycle)
300
mV
kFF
PWM feedforward gain (VIN / VRAMP)
6 V ≤ VVIN ≤ 100 V
15
V/V
OVER CURRENT PROTECT (OCP) – VALLEY CURRENT LIMITING
IRS
ILIM source current, RSENSE mode
Low voltage detected at ILIM
90
100
110
µA
IRDSON
ILIM source current, RDS-ON mode
SW voltage detected at ILIM, TJ = 25°C
180
200
220
µA
IRDSONTC
ILIM current tempco
RDS-ON mode
4500
ppm/°C
IRSTC
ILIM current tempco
RSENSE mode
0
ppm/°C
VILIM-TH
ILIM comparator threshold at ILIM
–8
–2
3.5
mV
SHORT CIRCUIT PROTECTION (SCP) – DUTY CYCLE CLAMP
www.ti.com
LM5145-Q1
SNVSBU9 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LM5145-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com