Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5045 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5045
Description  9 kHz to 30 GHz, Silicon, SP4T Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5045 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5045 Datasheet HTML 1Page - Analog Devices ADRF5045 Datasheet HTML 2Page - Analog Devices ADRF5045 Datasheet HTML 3Page - Analog Devices ADRF5045 Datasheet HTML 4Page - Analog Devices ADRF5045 Datasheet HTML 5Page - Analog Devices ADRF5045 Datasheet HTML 6Page - Analog Devices ADRF5045 Datasheet HTML 7Page - Analog Devices ADRF5045 Datasheet HTML 8Page - Analog Devices ADRF5045 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
ADRF5045
Rev. A | Page 3 of 14
SPECIFICATIONS
VDD = 3.3 V, VSS = −3.3 V, V1 = 0 V or 3.3 V, V2 = 0 V or 3.3 V, and TCASE = 25°C, 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
0.009
30,000
MHz
INSERTION LOSS
Between RFC and RF1 to RF4 (On) (Worst Case)
9 kHz to 10 GHz
1.5
dB
10 GHz to 20 GHz
1.7
dB
20 GHz to 30 GHz
2.4
dB
ISOLATION
Between RFC and RF1 to RF4 (Off) (Worst Case)
9 kHz to 10 GHz
58
dB
10 GHz to 20 GHz
53
dB
20 GHz to 30 GHz
45
dB
RETURN LOSS
RFC and RF1 to RF4 (On)
9 kHz to 10 GHz
16
dB
10 GHz to 20 GHz
25
dB
20 GHz to 30 GHz
17
dB
RF1 to RF4 (Off)
9 kHz to 10 GHz
21
dB
10 GHz to 20 GHz
17
dB
20 GHz to 30 GHz
11
dB
SWITCHING TIME
Rise and Fall
tRISE, tFALL
10% to 90% of radio frequency (RF) output
2
µs
On and Off
tON, tOFF
50% VCTL to 90% of RF output
4
µs
Settling
0.1 dB
50% VCTL to 0.1 dB of final RF output
6
µs
0.05 dB
50% VCTL to 0.05 dB of final RF output
7
µs
INPUT LINEARITY
Power Compression
0.1 dB
P0.1dB
26
dBm
1 dB
P1dB
28
dBm
Third-Order Intercept
IP3
Two-tone input power = 14 dBm each
tone, Δf = 1 MHz
50
dBm
SUPPLY CURRENT
VDD, VSS pins
Positive
IDD
Typical at VCTL = 0 V or 3.3 V,
maximum at VCTL = 0.8 V or 1.4 V
3
20
µA
Negative
ISS
Typical at VCTL = 0 V or 3.3 V,
maximum at VCTL = 0.8 V or 1.4 V
110
130
µA
DIGITAL CONTROL INPUTS
V1, V2 pins
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low and High
IINL, IINH
<1
µA
RECOMMENDED OPERATING CONDITONS
Supply Voltage
Positive
VDD
3.15
3.45
V
Negative
VSS
−3.45
−3.15
V
Digital Control Voltage
VCTL
0
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com