Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5250BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5250BCPZ
Description  0.1 GHz to 6 GHz Silicon SP5T Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5250BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5250BCPZ Datasheet HTML 7Page - Analog Devices ADRF5250BCPZ Datasheet HTML 8Page - Analog Devices ADRF5250BCPZ Datasheet HTML 9Page - Analog Devices ADRF5250BCPZ Datasheet HTML 10Page - Analog Devices ADRF5250BCPZ Datasheet HTML 11Page - Analog Devices ADRF5250BCPZ Datasheet HTML 12Page - Analog Devices ADRF5250BCPZ Datasheet HTML 13Page - Analog Devices ADRF5250BCPZ Datasheet HTML 14Page - Analog Devices ADRF5250BCPZ Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ADRF5250
Data Sheet
Rev. 0 | Page 14 of 15
OUTLINE DIMENSIONS
0.50
BSC
0.45
0.40
0.35
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGD-6.
BOTTOM VIEW
TOP VIEW
4.10
4.00 SQ
3.90
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
PIN 1
INDICATOR
1
24
7
12
13
18
19
6
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.30
0.25
0.20
0.20 MIN
2.80
2.70 SQ
2.60
EXPOSED
PAD
SEATING
PLANE
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
Figure 23. 24-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-24-23)
Dimensions shown in millimeters
NOTES:
1. MEASURED FROM THE CENTERLINE OF SPROCKET HOLE TO CENTERLINE OF THE
POCKET HOLE
2. 10 SPROCKET HOLE PITCH CUMUL ATIVE TOLERANCE IS ± 0.20
3. THICKNESS IS APPLICABLE AS MEASURED AT EDGE OF TAPE
4. BLACK POLYSTYRENE M ATERIAL
5. ALLOWABLE CAMBER TO BE 1 mm PER 100 mm IN LENGHT, NON-CUMULATIVE OVER 250 mm
6. MEASUREMENT POINT TO BE 0.3 mm FROM BOTTOM POCKET
7. SURFACE RESISTIVITY FROM
105 TO 1011
Ω/SQ
8. KO MEASUREMENT POINT SHOULD NOT BE REFERED ON POCKET RIDGE
(NOTE 2)
(NOTE 1)
(NOTE 1)
12.30
12.00
11.70
5.60
5.50
5.40
A
A
DIRECTION OF FEED
Ø 1.50 MIN
TOP VIEW
1.60
Ø 1.55
1.50
DETAIL A
2.05
2.00
1.95
4.10
4.00
3.90
1.85
1.75
1.65
8.00
0.50
0.40
0.30
DETAIL A
R 0.50
R 0.50
3° BSC
(NOTE 6)
SECTION A-A
(NOTE 8)
(NOTE 3)
0.35
0.30
0.25
4.40
4.30
4.20
1.35
1.25
1.15
Figure 24. LFCSP Tape and Reel Outline Dimensions
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADRF5250BCPZ
−40°C to +105°C
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-23
ADRF5250BCPZ-R7
−40°C to +105°C
24-Lead Lead Frame Chip Scale Package [LFCSP], 7”Tape and Reel
CP-24-23
ADRF5250BCPZRL
−40°C to +105°C
24-Lead Lead Frame Chip Scale Package [LFCSP], 13”Tape and Reel
CP-24-23
ADRF5250-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com