Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5301 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5301
Description  Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5301 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5301 Datasheet HTML 1Page - Analog Devices ADRF5301 Datasheet HTML 2Page - Analog Devices ADRF5301 Datasheet HTML 3Page - Analog Devices ADRF5301 Datasheet HTML 4Page - Analog Devices ADRF5301 Datasheet HTML 5Page - Analog Devices ADRF5301 Datasheet HTML 6Page - Analog Devices ADRF5301 Datasheet HTML 7Page - Analog Devices ADRF5301 Datasheet HTML 8Page - Analog Devices ADRF5301 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Silicon SPDT Switch,
Reflective, 35 GHz to 44 GHz
Preliminary Technical Data
ADRF5301
Rev. PrB
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Reflective design
Low insertion loss: 1.8 dB at 44 GHz
High isolation: 28 dB at 44 GHz
High input linearity
0.1 dB power compression (P0.1dB): 37 dBm
Third-order intercept (IP3): 52 dBm
High RF power handling:
28 dBm average
36 dBm peak
Single supply operation: 3.3V
Internal negative voltage generator (NVG)
RF settling time (0.1 dB final RF output): 45 ns
20-terminal, 3 mm × 3 mm, land grid array package
Pin compatible with the ADRF5300: 24 GHz - 32 GHz
APPLICATIONS
Industrial scanner
Test instrumentation
Cellular infrastructure mmWave 5G
Military radios, radars, electronic counter measures (ECMs)
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADRF5301 is a reflective, single-pole, double-throw
(SPDT) switch manufactured in the silicon process.
The ADRF5301 was developed for 5G applications from 35 GHz
to 44 GHz. This device has low insertion loss of 1.8 dB, high
isolation of 28 dB, and radio frequency (RF) input power
handling capability of 28 dBm average and 36 dBm peak.
The ADRF5301 incorporates a negative voltage generator
(NVG) to operate with a single positive supply of 3.3 V applied
to the VDD pin. The devices employs complementary metal-
oxide semiconductor (CMOS)-/low voltage transistor to
transistor logic (LVTTL)-compatible control.
The ADRF5301 is pin-compatible with the ADRF5300, which
operates from 24 GHz to 32 GHz.
The ADRF5301 comes in a 20-terminal, 3 mm × 3 mm, RoHS-
compliant, land grid array (LGA) package and can operate from
−40°C to +105°C.
RF2
RF1
RFC
GND
CTRL
VDD
DRIVER
NVG
ADRF5301


Similar Part No. - ADRF5301

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5301 AD-ADRF5301 Datasheet
753Kb / 10P
Silicon, SPDT Switch, 37 GHz to 49 GHz
Rev. 0
ADRF5301-EVALZ AD-ADRF5301-EVALZ Datasheet
753Kb / 10P
Silicon, SPDT Switch, 37 GHz to 49 GHz
Rev. 0
ADRF5301BCCZN AD-ADRF5301BCCZN Datasheet
753Kb / 10P
Silicon, SPDT Switch, 37 GHz to 49 GHz
Rev. 0
ADRF5301BCCZN-R7 AD-ADRF5301BCCZN-R7 Datasheet
753Kb / 10P
Silicon, SPDT Switch, 37 GHz to 49 GHz
Rev. 0
ADRF5301BCCZN-RL AD-ADRF5301BCCZN-RL Datasheet
753Kb / 10P
Silicon, SPDT Switch, 37 GHz to 49 GHz
Rev. 0
More results

Similar Description - ADRF5301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML017 MACOM-MASWML017 Datasheet
74Kb / 1P
SPDT Reflective Switch 10.5 to 13.5 GHz
logo
Analog Devices
ADRF5046 AD-ADRF5046 Datasheet
474Kb / 15P
Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
4/2019-Revision 0
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5300 AD-ADRF5300 Datasheet
249Kb / 11P
Silicon, SPDT Switch, Reflective, 24 GHz to 32 GHz
9/2020-Revision 0
ADRF5047 AD-ADRF5047 Datasheet
552Kb / 15P
Silicon SP4T Switch, Reflective, 9 kHz to 44 GHz
11/2019-Revision 0
ADRF5024 AD-ADRF5024 Datasheet
432Kb / 13P
Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
8/2020-Rev. B to Rev. C
ADRF5025 AD-ADRF5025 Datasheet
446Kb / 13P
Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
5/2020-Rev. A to Rev. B
HMC986A AD-HMC986A Datasheet
324Kb / 11P
0.1 GHz to 50 GHz, GaAs, MMIC Reflective SPDT Switch
7/2019-Rev. A to Rev. B
ADRF5144 AD-ADRF5144 Datasheet
556Kb / 12P
10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
Rev. 0
ADRF5032 AD-ADRF5032 Datasheet
668Kb / 11P
1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com