Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIC0076 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIC0076
Description  Inductive Couplers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIC0076 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIC0076 Datasheet HTML 1Page - Balluff Korea Ltd. BIC0076 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Couplers
BIC 2P0-P25A0-Q120AE-SA3A40
Order Code: BIC0076
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 236748
ETIM 6.0: EC002714
BIC0076_0.47_2021-03-30
2 / 2
Mechanical data
Dimension
120 x 45 x 120 mm
Installation
non-flush
Offset
±4 mm
Size
Q120
Tightening torque max.
70 Nm
Tightening torque pigtail
0.6 Nm
Weight
850 g
Range/Distance
Range
0...4 mm
Transmission distance
0...4 mm
Remarks
For additional information, refer to user's guide.
Order accessories separately.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
I



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com