Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3CK Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # L3CK
Description  Power Transducer Series L-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

L3CK Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  L3CK Datasheet HTML 1Page - M-System Co.,Ltd. L3CK Datasheet HTML 2Page - M-System Co.,Ltd. L3CK Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: L3CK
http://www.m-system.co.jp/
L3CK SPECIFICATIONS
ES-1965 Rev.4 Page 3/3
CONNECTION DIAGRAM
+
–
Ch.1 OUTPUT
11
12
LOAD
SOURCE
k
l
Ch.1 CT
L
K
1
2
+
–
Ch.2 OUTPUT
13
14
+
–
Ch.3 OUTPUT
15
16
LOAD
SOURCE
k
l
Ch.2 CT
L
K
3
4
U(+)
V(–)
POWER
9
10
LOAD
SOURCE
k
l
Ch.3 CT
L
K
5
6
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
112 (4.41)
[3.3 (.13)]
DIN RAIL
35mm wide
8 (.31)
M3.5 SCREW
(Only on the used terminals)
75 (2.95)
TERMINAL
COVER
2–5.8 (.23) dia. or
2–4.8 (.18) dia.
MTG HOLE
8 (.31) deep
•When mounting, no extra space is needed between units.
9 10 11 12 13 14 15 16
1 2
3
4
5
6
7 8
MOUNTING REQUIREMENTS unit: mm (inch)
2–M5
60 (2.36)
■ M5 SCREWS
2–M4
60 (2.36)
■ M4 SCREWS
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com