Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L53U Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # L53U
Description  Power Transducer Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

L53U Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  L53U Datasheet HTML 1Page - M-System Co.,Ltd. L53U Datasheet HTML 2Page - M-System Co.,Ltd. L53U Datasheet HTML 3Page - M-System Co.,Ltd. L53U Datasheet HTML 4Page - M-System Co.,Ltd. L53U Datasheet HTML 5Page - M-System Co.,Ltd. L53U Datasheet HTML 6Page - M-System Co.,Ltd. L53U Datasheet HTML 7Page - M-System Co.,Ltd. L53U Datasheet HTML 8Page - M-System Co.,Ltd. L53U Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MODEL: L53U
L53U SPECIFICATIONS
ES-1958 Rev.13 Page 2/9
https://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Connection
Voltage input: Connector type terminal block
(applicable wire size: ≤ 2.5 dia, 0.5 – 3.5 mm2, stripped
length 7 - 8 mm)
Current input: Screw terminal block
(applicable wire size: ≤ 2.4 dia, 0.5 – 3.5 mm2, stripped
length 13 - 15 mm)
Discrete input, discrete output, analog output, Modbus,
auxiliary power supply: Connector type terminal block
(applicable wire size: ≤ 2.4 dia, 0.5 – 2.5 mm2, stripped
length 7 - 8 mm)
Configuration: Single phase/2-wire and 3-wire, 3-phase/3-
wire balanced/unbalanced load, 3-phase/4-wire
balanced/unbalanced load
Housing material: Flame-resistant resin (gray)
Isolation: Voltage input to current input to discrete input to
discrete output to Modbus or configurator jack or analog
output to auxiliary power
■ Measured variables
Voltage: 1 – N, 2 – N, 3 – N, 1 – 2, 2 – 3, 3 – 1
Current: 1, 2, 3, N
Active / reactive / apparent power: 1, 2, 3, Σ
Power factor: 1, 2, 3, Σ
Frequency
Voltage phase angle: 1 – 2, 2 – 3, 3 – 1
Active energy: Incoming / outgoing / high tariff (peak) / low
tariff (off-peak)
Reactive energy: Incoming / outgoing / lag / lead / high tariff
(peak) / low tariff (off-peak)
Apparent energy
Active / reactive / apparent average power (demand)
Average current: 1, 2, 3,N
Harmonic contents: Σ, 2nd to 31st
Count time: High tariff / low tariff
Max. and min. values
Demand history: 1 to 4
INPUT SPECIFICATIONS
Frequency: 50 / 60 Hz (45 – 65 Hz)
• Voltage Input
Rated voltage
Line-to-line (delta voltage): 480 V
Line-neutral (phase voltage): 277 V (single phase / 2-wire
and 3-wire)
Consumption VA: ≤ ULN2 / 300 kΩ / phase
Overload capacity: 200 % of rating for 10 sec., 120 %
continuous
Selectable primary voltage range: 50 – 400 000 V
• Current Input
Rated current: 1 A or 5 A
Consumption VA: ≤ I2 · 0.01 Ω / phase
Overload capacity: 4000 % of rating for 1 sec., 2000 % for
4 sec., 120 % continuous
Selectable primary current range: 1 – 20 000 A
Selectable primary power range: ≤ 2 G VA
Operational range
Voltage, current, apparent power: ≤ 120 % of the rating
Active / reactive power: -120 to +120 % of the rating
Frequency: 45 – 65 Hz
Power factor: -1 to +1
■ Discrete Input: 24 V DC or 110 V DC
(input resistance 6 kΩ)
Detecting voltage: External 24 V DC ±10 % or 110 V DC
±10 %
ON current: ≥ 1 mA (≤ 24 kΩ @ 24 V, ≤ 110 kΩ @110 V)
OFF current: ≤ 0.1 mA (≥ 240 kΩ @ 24 V, ≥ 1.1 MΩ @ 110
V)
Detecting time: 10 – 1000 msec.
The status can be monitored on the Modbus; usable to reset
energy count or to update average (demand) value.
OUTPUT SPECIFICATIONS
■ Modbus
Communication: Half-duplex, asynchronous, no procedure
Interface: Conforms to TIA/EIA-485-A
Max. transmission distance: 500 meters
Baud rate: 1.2 – 38.4 kbps
Max. number of nodes: 31 (except the master)
Protocol: Modbus RTU
Node address: 1 – 247 (factory default setting: 1)
Parity: none, even or odd (factory default setting: odd)
Stop bit: 1 or 2 (factory default setting: 1)
Media: Shielded twisted-pair cable (CPEV-S 0.9 dia.)
■ DC Current: 4 – 20 mA DC
Load resistance: ≤ 270 Ω
Measurands converted into analog output: Voltage, Current,
Active / reactive / apparent power, Power factor, Frequency,
Harmonic contents
■ DC Voltage: 1 – 5 V DC
Load resistance: ≥ 5000 Ω
Measurands converted into analog output: Voltage, Current,
Active / reactive / apparent power, Power factor, Frequency,
Harmonic contents
■ Open Collector
Programmable for either alarm or energy count.
Max. rated load: 130 V DC @50 mA
Continuous rated load: 130 V DC @30 mA
Saturation voltage: 1.5 V DC
Measurands applicable to alarm: Voltage, current, average
current (demand), neutral current, frequency, power,
average power (demand)
(ON delay, deadband and other parameters are selectable)
Measurands applicable to count: Energy;



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com