Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17841BGUEV Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX17841BGUEV
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841BGUEV Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX17841BGUEV Datasheet HTML 10Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 11Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 12Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 13Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 14Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 15Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 16Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 17Page - Maxim Integrated Products MAX17841BGUEV Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Table 6. UART Operational Modes
MODE
DESCRIPTION
Shutdown
Asserting SHDNresetsallASCIregistersandbufferdatatotheirdefaultstate,stopssendingandreceiving
UARTcommunication,anddisablesthe3.3Vregulator.
Transmit
Preambles
Transmitspreamblescontinuously(noidlestate).UsedtowakeuptheUARTslavedevicesandinitializethe
UART baud rate of each slave device. This mode takes precedence over all transmit modes except Transmit
Pause mode.
Keep-Alive
Periodically sends a stop character to prevent UART slave devices from shutting down during periods of no
communication(idlestate).Theidletimeinbetweentheperiodicstopcharactersisprogrammablefromzero
to10.24msthroughtheKeep-Alive[3:0]configuration.Thedefaultsettingisinfinite(modedisabled).The
TransmitPause,TransmitPreambles,andtheTransmitQueuemodestakeprecedenceoverthismode.
TransmitQueue
(default mode)
Startstransmissionofthemessageloadedinthetransmitqueueif1)thereissufficientspaceinthereceive
bufferforthemessage(RX_Full_Statusisfalse)or2)thelimitationsonmessagelengthareremoved
(TX_Unlimitedisset).Defaultisenabled.
Transmit Unlimited
In this mode, the transmit queue automatically limits the message length to 255 bytes instead of the default
62-byte limit, and the message transmission is permitted even if the message length is greater than the
availablewritespaceinthereceivebuffer.
Transmit Pause
PlacesthetransmitterintoidlestateoncetheUARThasfinishedtransmittingthecurrentbyte,however,the
TX_Busy_StatusandTX_Idle_Statusbitsremainunchanged.Transmissionresumeswhenthisbitiscleared.
This mode takes precedence over all other transmit modes.
TransmitOdd
Parity
Transmits characters with odd parity. Since the battery management UART protocol uses even parity, this
modecanbeusedtotestthesystem’sabilitytodetectparityerrors.Evenparityisdefault.
TransmitNoStop
Transmitsmessageswithoutastopcharacter.BysendingsubsequentmessageswiththeNoPreamblebit,
aframedmessageofindefinitelengthcanbeconstructed.TheTX_Unlimitedbitmustbesetformessages
greater than 62 bytes.
TransmitNo
Preamble
Transmitsmessageswithoutapreamble.ByfirstsendingamessageinwhichtheTX_No_Stopbitisset,and
thensendingmessageswiththisbitset,aframedmessageofindefinitelengthcanbeconstructed.However,
if the preceding message was terminated with a stop character (end of frame), then the data sent in this
modeisunframed(withoutpreamble)andisnotstoredinthereceivebuffer.
TransmitRawData DisablesManchesterencodingoftransmitteddata.Inthismode,eachdatabyteistransmittedasone
character (instead of two characters).
ReceiveRawData
DisablesManchesterdecodingofthereceiveddata.Inthismode,thereisonedatabytestoredforevery
character received (instead of every two received).
Maxim Integrated │ 14
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com