Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L53U-1111-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # L53U-1111-R
Description  Power Transducer Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

L53U-1111-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  L53U-1111-R Datasheet HTML 1Page - M-System Co.,Ltd. L53U-1111-R Datasheet HTML 2Page - M-System Co.,Ltd. L53U-1111-R Datasheet HTML 3Page - M-System Co.,Ltd. L53U-1111-R Datasheet HTML 4Page - M-System Co.,Ltd. L53U-1111-R Datasheet HTML 5Page - M-System Co.,Ltd. L53U-1111-R Datasheet HTML 6Page - M-System Co.,Ltd. L53U-1111-R Datasheet HTML 7Page - M-System Co.,Ltd. L53U-1111-R Datasheet HTML 8Page - M-System Co.,Ltd. L53U-1111-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MODEL: L53U
L53U SPECIFICATIONS
ES-1958 Rev.13 Page 6/9
https://www.m-system.co.jp/
T3
T4
T2
T1
Term.
Resist.
+
Shielded Twisted-pair Cable
Jumper *1
V(–)
JACK
U(+)
DO/PO–
DO/PO+
DO/PO–
DO/PO+
DI –
DI +
DISCRETE
INPUT
DISCRETE
OUTPUT
• Discrete Input Connection E.g.
+
-
• Discrete Output Connection E.g.
+
-
DI +
DI –
To other
Modbus devices
■ EXTERNAL INTERFACE CODE: 1
When the device is located at the end of a transmission line via
twisted-pair cable, (when there is no cross-wiring), close across the
terminal T2 – T3 with a leadwire.
When the device is not at the end, no shortcircuit wire is required.
Analog output may momentarily fluctuate while the configurator cable
is left connected.
*1.
*2.
V(–)
U(+)
AO4 –
AO4 +
AO3 –
AO3 +
ANALOG
OUTPUT 3
ANALOG
OUTPUT 4
AO2 –
AO2 +
AO1 –
AO1 +
ANALOG
OUTPUT 1
ANALOG
OUTPUT 2
■ EXTERNAL INTERFACE CODE: 2, 3
CONFIGURATOR
CONFIGURATOR *2
JACK
■ EXTERNAL INTERFACE CODE: 4, 5
■ EXTERNAL INTERFACE CODE: 6, 7
DISCRETE
INPUT
DISCRETE
OUTPUT
ANALOG
OUTPUT 1
ANALOG
OUTPUT 2
CONFIGURATOR *2
DO/PO–
DO/PO+
DI –
DI +
AO2 –
AO2 +
AO1 –
AO1 +
V(–)
U(+)
JACK
DISCRETE
OUTPUT 1
DISCRETE
OUTPUT 2
ANALOG
OUTPUT 1
ANALOG
OUTPUT 2
CONFIGURATOR *2
DO/PO–
DO/PO+
AO2 –
AO2 +
AO1 –
AO1 +
V(–)
U(+)
JACK
DO/PO–
DO/PO+
AUXILIARY
POWER
AUXILIARY
POWER
AUXILIARY
POWER
AUXILIARY
POWER
MODBUS WIRING CONNECTION
L53U
L53U
T1
T2
T3
T4
T1
T2
T3
T4
R2K-1
RS-232-C
*1
RS-485
RS-485
T1
T2
T3
T4
*1
*2
FG
*1. Internal terminating resistor is used when the device is at the end of a transmission line.
*2. Install shield cables to all sections and ground them at single point.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com