Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD57100 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LD57100
Description  1 A ultra low-dropout LDO with bias
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD57100 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LD57100 Datasheet HTML 10Page - STMicroelectronics LD57100 Datasheet HTML 11Page - STMicroelectronics LD57100 Datasheet HTML 12Page - STMicroelectronics LD57100 Datasheet HTML 13Page - STMicroelectronics LD57100 Datasheet HTML 14Page - STMicroelectronics LD57100 Datasheet HTML 15Page - STMicroelectronics LD57100 Datasheet HTML 16Page - STMicroelectronics LD57100 Datasheet HTML 17Page - STMicroelectronics LD57100 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Table 8. Flip Chip6 (0.8x1.2 mm) package mechanical data
Symbol
Milimeters
Min.
Typ.
Max.
A
0.277
0.315
0.361
A1
0.045
0.060
0.075
A2
0.205
0.230
0.255
A3
0.022
0.025
0.028
b
0.210
0.240
0.270
D
1.155
1.175
1.195
E
0.755
0.775
0.795
D1
0.8 BSC
E1
0.4 BSC
e
0.4 BSC
SE
0.2 BSC
aaa
0.03
bbb
0.06
ccc
0.03
ddd
0.015
Figure 28. Flip Chip6 (0.8x1.2 mm) recommended footprint
LD57100
Flip Chip6 (0.8x1.2 mm) package information
DS13123 - Rev 5
page 14/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com