Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS27HHTW Datasheet(PDF) 39 Page - STMicroelectronics

Part # LPS27HHTW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHTW Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LPS27HHTW Datasheet HTML 35Page - STMicroelectronics LPS27HHTW Datasheet HTML 36Page - STMicroelectronics LPS27HHTW Datasheet HTML 37Page - STMicroelectronics LPS27HHTW Datasheet HTML 38Page - STMicroelectronics LPS27HHTW Datasheet HTML 39Page - STMicroelectronics LPS27HHTW Datasheet HTML 40Page - STMicroelectronics LPS27HHTW Datasheet HTML 41Page - STMicroelectronics LPS27HHTW Datasheet HTML 42Page - STMicroelectronics LPS27HHTW Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
9.8
CTRL_REG3 (12h)
Control register 3 - INT_DRDY pin control register (R/W)
7
6
5
4
3
2
1
0
0
0
INT_F_FULL
INT_F_WTM
INT_F_OVR
DRDY
INT_S1
INT_S0
INT_F_FULL
FIFO full flag on INT_DRDY pin. Default value: 0
(0: FIFO empty; 1: FIFO full - 128 unread samples)
INT_F_WTM
FIFO threshold (watermark) status on INT_DRDY pin. Default value: 0
(0: FIFO is lower than FTH level; 1: FIFO is equal to or higher than FTH level)
INT_F_OVR
FIFO overrun status on INT_DRDY pin. Default value: 0
(0: not overwritten; 1: at least one sample in the FIFO has been overwritten)
DRDY
Data-ready signal on INT_DRDY pin. Default value: 0
(0: disable; 1: enable)
INT_S[1:0]
Data signal on INT_DRDY pin control bits. Default value: 00
Refer to Table 21.
Table 21. Interrupt configurations
INT_S1
INT_S0
INT_DRDY pin configuration
0
0
Data signal (in order of priority: DRDY or INT_F_WTM or INT_F_OVR or INT_F_FULL)
0
1
Pressure high (P_high)
1
0
Pressure low (P_low)
1
1
Pressure low OR high
Figure 26. Interrupt events on INT_DRDY pin
New data set is available
FIFO Threshold (Watermark)
FIFO Overrun
FIFO Full
DRDY
INT_F_WTM
INT_F_OVR
INT_F_FULL
Pressure higher than threshold
Pressure lower than threshold
00
INT_S[1:0]
01
10
11
INT_DRDY pin
CTRL_REG3 (@12h)
LPS27HHTW
CTRL_REG3 (12h)
DS13489 - Rev 1
page 39/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com