Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS27HHTWTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # LPS27HHTWTR
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHTWTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LPS27HHTWTR Datasheet HTML 7Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 8Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 9Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 10Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 11Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 12Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 13Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 14Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
4.5
Interpreting pressure readings
The pressure data are stored in 3 registers: PRESS_OUT_H (2Ah), PRESS_OUT_L (29h), and PRESS_OUT_XL
(28h). The value is expressed as a 24-bit signed number (in 2’s complement).
To obtain the pressure in hPa, take the complete 24-bit word and then divide by the sensitivity 4096 LSB/
hPa. This same interpretation is applied to pressure readings when FIFO is enabled and the pressure
data are stored in 3 registers: FIFO_DATA_OUT_PRESS_XL (78h), FIFO_DATA_OUT_PRESS_L (79h), and
FIFO_DATA_OUT_PRESS_H (7Ah).
Figure 7. Pressure readings
PressureValue LSB =PRESS_OUT_H 2Aℎ &PRESS_OUT_L 29ℎ &PRESS_OUT_XL
28ℎ =3FF58Dℎ=4191629LSB signeddecimal
(1)
Pressure ℎPa =PressureValue LSB
Sensitivity = 4191629LSB
4096LSB/ℎPA=1023ℎPa
(2)
4.6
Interpreting temperature readings
The temperature data are stored in 2 registers: TEMP_OUT_H (2Ch) and TEMP_OUT_L (2Bh).
The value is expressed as 2’s complement. To obtain the temperature in °C, take the two’s complement
of the complete 16-bit word and then divide by the sensitivity 100 LSB/°C. This same interpretation is
applied to temperature readings when FIFO is enabled and the temperature data are stored in 2 registers:
FIFO_DATA_OUT_TEMP_H (7Ch) and FIFO_DATA_OUT_TEMP_L (7Bh).
Figure 8. Temperature readings
0 0 0 0 1 0 0 1
1 1 0 0 0 1 0 0
TEMP_OUT_H
TEMP_OUT_L
Temperature Value (LSB) = TEMP_OUT_H (2Ch) & TEMP_OUT_L (2Bh)
= 09C4 = 2500 LSB (decimal signed)
Temperature (°C) =
Temperature Value (LSB)
Sensitivity
=
2500 LSB
100 LSB/°C
= 25.00°C
LPS27HHTW
Interpreting pressure readings
DS13489 - Rev 1
page 11/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com