Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSO32XTR Datasheet(PDF) 80 Page - STMicroelectronics

Part # LSM6DSO32XTR
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32XTR Datasheet(HTML) 80 Page - STMicroelectronics

Back Button LSM6DSO32XTR Datasheet HTML 76Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 77Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 78Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 79Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 80Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 81Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 82Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 83Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 162 page
background image
9.50
MD1_CFG (5Eh)
Functions routing on INT1 register (r/w)
Table 135. MD1_CFG register
INT1_SLEEP_
CHANGE
INT1_
SINGLE_TAP
INT1_WU
INT1_FF
INT1_
DOUBLE_TAP
INT1_6D
INT1_
EMB_FUNC
INT1_
SHUB
Table 136. MD1_CFG register description
INT1_SLEEP_CHANGE(1)
Routing of activity/inactivity recognition event on INT1. Default: 0
(0: routing of activity/inactivity event on INT1 disabled;
1: routing of activity/inactivity event on INT1 enabled)
INT1_SINGLE_TAP
Routing of single-tap recognition event on INT1. Default: 0
(0: routing of single-tap event on INT1 disabled;
1: routing of single-tap event on INT1 enabled)
INT1_WU
Routing of wakeup event on INT1. Default value: 0
(0: routing of wakeup event on INT1 disabled;
1: routing of wakeup event on INT1 enabled)
INT1_FF
Routing of free-fall event on INT1. Default value: 0
(0: routing of free-fall event on INT1 disabled;
1: routing of free-fall event on INT1 enabled)
INT1_DOUBLE_TAP
Routing of tap event on INT1. Default value: 0
(0: routing of double-tap event on INT1 disabled;
1: routing of double-tap event on INT1 enabled)
INT1_6D
Routing of 6D event on INT1. Default value: 0
(0: routing of 6D event on INT1 disabled;
1: routing of 6D event on INT1 enabled)
INT1_EMB_FUNC
Routing of embedded functions event on INT1. Default value: 0
(0: routing of embedded functions event on INT1 disabled;
1: routing of embedded functions event on INT1 enabled)
INT1_SHUB
Routing of sensor hub communication concluded event on INT1. Default value: 0
(0: routing of sensor hub communication concluded event on INT1 disabled;
1: routing of sensor hub communication concluded event on INT1 enabled)
1. Activity/Inactivity interrupt mode (sleep change or sleep status) depends on the SLEEP_STATUS_ON_INT bit in TAP_CFG0
(56h) register.
LSM6DSO32X
MD1_CFG (5Eh)
DS13607 - Rev 1
page 80/162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com