Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD57100J110R Datasheet(PDF) 6 Page - STMicroelectronics

Part # LD57100J110R
Description  1 A ultra low-dropout LDO with bias
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD57100J110R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LD57100J110R Datasheet HTML 2Page - STMicroelectronics LD57100J110R Datasheet HTML 3Page - STMicroelectronics LD57100J110R Datasheet HTML 4Page - STMicroelectronics LD57100J110R Datasheet HTML 5Page - STMicroelectronics LD57100J110R Datasheet HTML 6Page - STMicroelectronics LD57100J110R Datasheet HTML 7Page - STMicroelectronics LD57100J110R Datasheet HTML 8Page - STMicroelectronics LD57100J110R Datasheet HTML 9Page - STMicroelectronics LD57100J110R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
5
Electrical characteristics
VBIAS = 3.0 V or VOUT + 1.6 V (whichever is greater); VIN = VOUT(NOM) + 0.3 V; IOUT = 1 mA; CIN = 4.7 µF, COUT
= 10 µF; CBIAS = 1 µF, VEN = 1 V; typical values are at TJ = 25 °C; min./max. values are at -40 °C ≤ TJ ≤ 85 °C,
unless otherwise specified.
Table 7. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
VOUT +
VDROP
5.5
V
VBIAS
Operating bias voltage
(VOUT +
1.60) ≥
3.0
5.5
V
VUVLO
Bias undervoltage
lockout
VBIAS rising
TJ = 25 °C
1.45
1.6
1.75
V
Hysteresis
TJ = 25 °C
0.15
0.2
0.25
V
VREF
Reference voltage for
adjustable devices
TJ = 25 °C;
0.4975
0.5
0.5025
V
VOUT
Output voltage
accuracy
All versions, as per conditions above
-0.5
0.5
%
VOUT(NOM) + 0.3 V ≤ VIN ≤ VOUT(NOM) + 1.0 V;
3.0 V or VOUT(NOM) + 1.6 V (whichever is
greater) ≤ VBIAS ≤ 5.5 V;
IOUT = 1 mA to 1 A;
-40 °C ≤ TJ ≤ 85 °C
-1.0
+1.0
%
∆VOUT-IN
VIN static regulation
VOUT(NOM) + 0.3 V ≤ VIN ≤ 5.0 V,
TJ = 25 °C
0.01
0.1
% / V
∆VOUT-BIAS
VBIAS line regulation
3.0 V or VOUT(NOM) + 1.6 V (whichever is
greater) ≤ VBIAS ≤ 5.5 V,
TJ = 25 °C
0.01
0.1
% / V
∆VOUT-LOAD
Static load regulation
IOUT = 1 mA to 1 A, TJ = 25 °C
1.0
2.0
mV
VDROP
Dropout voltage
IOUT = 1 A; VOUT = 97% of VOUT(NOM)
40
80
mV
VDROP-BIAS
Bias dropout voltage (1)
VBIAS=VIN; IOUT = 1 A; VOUT = 97% of
VOUT(NOM)
1.05
1.5
V
ILIM
Output current limit
VOUT = 90% VOUT(NOM)
1.5
2
2.6
A
VOUT = 90% VOUT(NOM) , −30 °C ≤ TJ ≤ 85 °C
1.55
2
2.6
IFB, ISNS
FB/SNS pin operating
current
0.1
0.5
µA
IBIAS
VBIAS operating
current
VBIAS = 3.0 V, IOUT = 0 mA
35
50
µA
IStandby-BIAS
VBIAS standby current
VBIAS input current in OFF mode: VEN = GND
0.1
1
µA
IStandby-IN
VIN standby current
VIN input current in OFF mode: VEN = GND
0.1
1
µA
VEN
Enable input logic low
0.4
V
Enable input logic high
0.9
LD57100
Electrical characteristics
DS13123 - Rev 5
page 6/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com