Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALTG-421-F/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # ALTG-421-F/Q
Description  Limit Alarms (rotary switch adj.) AL-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ALTG-421-F/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  ALTG-421-F/Q Datasheet HTML 1Page - M-System Co.,Ltd. ALTG-421-F/Q Datasheet HTML 2Page - M-System Co.,Ltd. ALTG-421-F/Q Datasheet HTML 3Page - M-System Co.,Ltd. ALTG-421-F/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: ALTG
ALTG SPECIFICATIONS
ES-2739 Rev.8 Page 3/4
http://www.m-system.co.jp/
EXTERNAL VIEW
No.1 Setpoint Rotary SW (x10%)
No.1 Setpoint Rotary SW (x1%)
No.2 Setpoint Rotary SW (x10%)
No.2 Setpoint Rotary SW (x1%)
No.1 LED
No.2 LED
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
50 (1.97)
103 (4.06)
132 (5.20)
• When mounting, no extra space is needed between units.
5
6
7
8
2
1
11
10
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
11–M3.5
SCREW
3
9
4
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
■ Relay Protection
• AC Powered
• DC Powered
Inductive
Load (Coil)
Varistor or Spark
Quenching Circuit
U
LOAD
Inductive
Load (Coil)
LOAD
Diode, Varistor or
CR Circuit
*
*
Ry
Ry
Base Socket
U(+)
V(–)
POWER
7
8
Comparator
*Relay status for output codes “1” & “4”, at power OFF.
D / A
Converter
Comparator
ROTARY
SWITCH
D / A
Converter
ROTARY
SWITCH
10
11
9
2
3
1
H
L
C
SETPOINT 1
OUTPUT
H
L
C
SETPOINT 2
OUTPUT
4
R.M.S.
Operation
AC
Amplifier
INPUT
5
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com