Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX20006 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX20006
Description  36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20006 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX20006 Datasheet HTML 6Page - Maxim Integrated Products MAX20006 Datasheet HTML 7Page - Maxim Integrated Products MAX20006 Datasheet HTML 8Page - Maxim Integrated Products MAX20006 Datasheet HTML 9Page - Maxim Integrated Products MAX20006 Datasheet HTML 10Page - Maxim Integrated Products MAX20006 Datasheet HTML 11Page - Maxim Integrated Products MAX20006 Datasheet HTML 12Page - Maxim Integrated Products MAX20006 Datasheet HTML 13Page - Maxim Integrated Products MAX20006 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Detailed Description
The MAX20004/MAX20006/MAX2008 are 4A, 6A, and
8A current-mode step-down converters, respectively,
with integrated high-side and low-side MOSFETs. The
low-side MOSFET enables fixed-frequency FPWM opera-
tion in light-load applications. The devices operate with
3.5V to 36V input voltages, while using only 25μA (typ)
quiescent current at no load. The switching frequency
is resistor programmable from 220kHz to 2.2MHz and
can be synchronized to an external clock. The devices’
output voltage is available as fixed 5V or 3.3V, or adjust-
able between 1V and 10V. The wide input voltage range,
along with the ability to operate at 99% duty cycle during
undervoltage transients, make these devices ideal for
automotive applications.
In light-load applications, a logic input (SYNC) allows
the devices to operate either in skip mode for reduced
current consumption, or fixed-frequency FPWM mode
to eliminate frequency variation and help minimize EMI.
Protection features include cycle-by-cycle current limit,
and thermal shutdown with automatic recovery.
Thermal Considerations
The devices are available in 4A, 6A, or 8A versions; how-
ever, the average output-current capability is dependent on
several factors. Some of the key factors include the maxi-
mum ambient temperature (TA(MAX)), switching frequency
(fSW), and the number of layers and the size of the PCB.
See the Typical Operating Characteristics for a guideline.
Wide Input Voltage Range
The devices include two separate supply inputs (SUP and
SUPSW) specified for a wide 3.5V to 36V input voltage
range. VSUP provides power to the device and VSUPSW
provides power to the internal switch. When the device is
operating with a 3.5V input supply, conditions such as cold
crank can cause the voltage at the SUP and SUPSW pins
to drop below the programmed output voltage. Under such
conditions, the devices operate in a high duty-cycle mode
to facilitate minimum dropout from input to output.
Maximum Duty-Cycle Operation
The devices have an effective maximum duty cycle of 98%
(typ). The IC continuously monitors the time between low-
side FET switching cycles in both PWM and skip modes.
Whenever the low-side FET has not switched for more than
13.5µs (typ), the low-side FET is forced on for 150ns (typ)
to refresh the BST capacitor. The input voltage at which
the device enters dropout changes depending on the input
voltage, output voltage, switching frequency, load current,
and the efficiency of the design.
The input voltage at which the device enters dropout can
be approximated as:
OUT
SUP
OUT
HS
V
V
I
R
0.98
=
+×
where RHS is the high-side switch on-resistance, which
should also include the inductor DC resistance for better
accuracy.
Linear Regulator Output (BIAS)
The devices include a 5V linear regulator (VBIAS) that
provides power to the internal circuit blocks. Connect
a 2.2μF ceramic capacitor from BIAS to GND. Under
certain conditions, the BIAS regulator turns off and the
BIAS pin switches to OUT (i.e., switches over) after
startup to increase efficiency. For IC versions that are
factory trimmed for 3.3V fixed output, BIAS switches to
OUT under light load conditions in skip mode only. For IC
versions that are factory trimmed for 5V fixed output, the
BIAS pin switches to OUT after startup regardless of load
or skip/PWM mode. In any case, BIAS only switches over
if OUT is between 2.8V and 5.6V. In summary, BIAS can
transition from 5V to VOUT after startup depending on
load, mode and IC version.
Soft-Start
The devices include a fixed, internal soft-start. Soft-start
limits startup inrush current by forcing the output voltage
to ramp up towards its regulation point.
Reset Output (RESET)
The devices feature an open-drain reset output (RESET).
RESET
asserts when VOUT drops below the specified
falling threshold. RESET deasserts when VOUT rises
above the specified rising threshold after the specified
hold time. Connect RESET to the output or I/O voltage
of choice (within pin voltage limits) with a pullup resistor.
Synchronization Input (SYNC)
SYNC is a logic-level input used for operating-mode
selection and frequency control. Connecting SYNC to
BIAS or to an external clock enables forced fixed-frequen-
cy (FPWM) operation. Connecting SYNC to GND enables
automatic skip-mode operation for light load efficiency.
The external clock frequency at SYNC can be higher or
lower than the internal clock by 20%. If the external clock
frequency is greater than 120% of the internal clock, con-
tact the factory to verify the design. The devices synchro-
nize to the external clock in two cycles. When the external
clock signal at SYNC is absent for more than two clock
cycles, the devices use the internal clock. There is a diode
MAX20004/MAX20006/
MAX20008
36V, 220kHz to 2.2MHz, 4A/6A/8A
Fully Integrated Automotive
Step-Down Converters
www.maximintegrated.com
Maxim Integrated │ 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com