Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U652 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U652
Description  SINGLE OUTPUT HALL EFFECT LATCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U652 Datasheet(HTML) 2 Page - Unisonic Technologies

  U652 Datasheet HTML 1Page - Unisonic Technologies U652 Datasheet HTML 2Page - Unisonic Technologies U652 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC U652
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R118-002,A
ABSOLUTE MAXIMUM RATINGS(Ta=25°C )
CHARACTERISTIC
SYMBOL
VALUE
UNIT
Supply Voltage
Vcc
20
V
Reverse Vcc Polarity Voltage
VRCC
-20
V
Magnetic flux density
B
Unlimited
Output OFF Voltage
Vce
30
V
Output ON Current
Ic
30
mA
Operating Temperature Range
Ta
0 ~ 70
°C
Storage Temperature Range
Ts
-65 ~ 150
°C
Package Power Dissipation
Pd
400
mW
ELECTRICAL CHARACTERISTICS( Ta=25°C,Vcc=3.5V to 20V )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Operating Supply Voltage
Vcc
8
20
V
Output Saturation Voltage
Vce(sat)
Vcc=14V,Ic=20mA
300
700
mV
Output Leakage Current
Icex
Vce=14V,Vcc=14V
<0.1
10
uA
Supply Current
Icc
Vcc=20V, Output Open
5
10
mA
Output Rise Time
tr
Vcc=14V,RL=820
Ω,CL=20pF
0.3
1.5
us
Output Falling Time
tf
Vcc=14V,RL=820
Ω,CL=20pF
0.3
1.5
us
MAGNETIC CHARACTERISTICS
CHARACTERISTIC
SYMBOL
Ta=25
°C
Min
Max
Ta=0 ~ 70
°C
Min
Max
UNIT
Operate Point
Bop
10
120
5
120
G
Release Point
Brp
-120
-10
-120
-5
G
Hysteresis
Bhys
20
240
10
240
G
CLASSIFICATION OF OPERATING POINT
RANK
A
B
Bop
10
70
60
120
Brp
-10
-70
-60
-120
Bhys
20
140
120
240



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com