Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST732M28R Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST732M28R
Description  300 mA, 28 V low-dropout voltage regulator, with 5 μA quiescent current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST732M28R Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST732M28R Datasheet HTML 7Page - STMicroelectronics ST732M28R Datasheet HTML 8Page - STMicroelectronics ST732M28R Datasheet HTML 9Page - STMicroelectronics ST732M28R Datasheet HTML 10Page - STMicroelectronics ST732M28R Datasheet HTML 11Page - STMicroelectronics ST732M28R Datasheet HTML 12Page - STMicroelectronics ST732M28R Datasheet HTML 13Page - STMicroelectronics ST732M28R Datasheet HTML 14Page - STMicroelectronics ST732M28R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Figure 14. Quiescent current vs. temperature (IOUT = 300 mA)
0
50
100
150
200
250
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
Figure 15. Current limit vs. temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
VIN = 2.5 V, VOUT = 0 V
Figure 16. Short-circuit current vs. dropout voltage
0
100
200
300
400
500
600
0
5
10
15
20
25
30
Dropout voltage [V]
VIN = 2.5 V to 28 V, VOUT = 0 V
Figure 17. PSRR vs. frequency
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
0.01
0.10
1.00
10.00
100.00
1,000.00
Frequency(kHz)
Iload=10mA
Iload=100mA
VIN = 6 V + VRipple, VOUT = 5 V, IOUT = 10 mA, 100 mA, CIN = 0.1 µF, COUT = 0.47 µF
Figure 18. Output noise spectrum
0.01
0.10
1.00
10.00
0.01
0.1
1
10
100
1000
Frequency: f [kHz]
VIN = 6 V, VOUT = 5 V, IOUT = 10 mA, CIN = 0.1 µF, COUT = 0.47 µF
Figure 19. Start-up transient
ST732
Typical performance characteristics
DS12561 - Rev 3
page 11/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com