Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF12H60MPUR Datasheet(PDF) 24 Page - STMicroelectronics

Part # STEF12H60MPUR
Description  60 A electronic fuse for 12 V DC rail
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12H60MPUR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STEF12H60MPUR Datasheet HTML 20Page - STMicroelectronics STEF12H60MPUR Datasheet HTML 21Page - STMicroelectronics STEF12H60MPUR Datasheet HTML 22Page - STMicroelectronics STEF12H60MPUR Datasheet HTML 23Page - STMicroelectronics STEF12H60MPUR Datasheet HTML 24Page - STMicroelectronics STEF12H60MPUR Datasheet HTML 25Page - STMicroelectronics STEF12H60MPUR Datasheet HTML 26Page - STMicroelectronics STEF12H60MPUR Datasheet HTML 27Page - STMicroelectronics STEF12H60MPUR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Figure 30. Startup by ON/PD (IOUT = 15 A, COUT = 6800 µF)
Figure 31. Shutdown by ON/PD (IOUT = 15 A,
COUT = 6800 µF)
Figure 32. Startup into output short-circuit
Figure 33. Output short-circuit during operation
STEF12H60M
Typical characteristics
DS13608 - Rev 3
page 24/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com