Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5367 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5367
Description  300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5367 Datasheet(HTML) 4 Page - Analog Devices

  ADL5367 Datasheet HTML 1Page - Analog Devices ADL5367 Datasheet HTML 2Page - Analog Devices ADL5367 Datasheet HTML 3Page - Analog Devices ADL5367 Datasheet HTML 4Page - Analog Devices ADL5367 Datasheet HTML 5Page - Analog Devices ADL5367 Datasheet HTML 6Page - Analog Devices ADL5367 Datasheet HTML 7Page - Analog Devices ADL5367 Datasheet HTML 8Page - Analog Devices ADL5367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADL5369
Data Sheet
Rev. A | Page 4 of 23
5 V PERFORMANCE
VS = 5 V, IS = 84 mA, TA = 25°C, fRF = 450 MHz, fLO = 543 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, and ZO = 50 Ω, R9 = 1.7 kΩ, unless
otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Power Conversion Loss
Including 1:1 IF port transformer and printed circuit board (PCB) loss
6.2
dB
Voltage Conversion Loss
ZSOURCE = 50 Ω, differential ZLOAD = 50 Ω differential
1.4
dB
Single Sideband (SSB) Noise Figure
7.2
dB
Input Third-Order Intercept (IIP3)
fRF1 = 449.5 MHz, fRF2 = 451.5 MHz, fLO = 543 MHz, each RF tone
at 0 dBm
28
dBm
Input Second-Order Intercept (IIP2)
fRF1 = 500 MHz, fRF2 = 450 MHz, fLO = 543 MHz, each RF tone
at −10 dBm
56
dBm
Input 1 dB Compression Point (IP1dB)1
Exceeding 20 dBm RF power results in damage to the device
20
dBm
LO to IF Leakage
Unfiltered IF output
−16
dBm
LO to RF Leakage
−27
dBm
RF to IF Isolation
−42
dBc
IF/2 Spurious
0 dBm input power
−57
dBc
IF/3 Spurious
0 dBm input power
−60
dBc
POWER SUPPLY
Positive Supply Voltage
4.5
5
5.5
V
Total Quiescent Current
VS = 5 V
84
mA
1 Exceeding 20 dBm RF power results in damage to the device.
3.3 V PERFORMANCE
VS = 3.3 V, IS = 55 mA, TA = 25°C, fRF = 450 MHz, fLO = 543 MHz, LO power = 0 dBm, R9 = 226 Ω, VGS0 = VGS1 = 0 V, and ZO = 50 Ω,
unless otherwise noted.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Power Conversion Loss
Including 1:1 IF port transformer and PCB loss
6.5
dB
SSB Noise Figure
7.4
dB
IIP3
fRF1 = 449.5 MHz, fRF2 = 451.5 MHz, fLO = 543 MHz, each RF
tone at −10 dBm
24
dBm
IIP2
fRF1 = 500 MHz, fRF2 = 450 MHz, fLO = 543 MHz, each RF tone
at −10 dBm
53
dBm
POWER INTERFACE
Supply Voltage
3.0
3.3
3.6
V
Quiescent Current
Resistor programmable
55
mA
Power-Down Current
Device disabled
150
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com