Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6755ACPZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 11Page - Analog Devices ADRF6755ACPZ Datasheet HTML 12Page - Analog Devices ADRF6755ACPZ Datasheet HTML 13Page - Analog Devices ADRF6755ACPZ Datasheet HTML 14Page - Analog Devices ADRF6755ACPZ Datasheet HTML 15Page - Analog Devices ADRF6755ACPZ Datasheet HTML 16Page - Analog Devices ADRF6755ACPZ Datasheet HTML 17Page - Analog Devices ADRF6755ACPZ Datasheet HTML 18Page - Analog Devices ADRF6755ACPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
Data Sheet
ADRF6755
Rev. B | Page 15 of 48
Figure 17. LO Off Isolation vs. LO Frequency, Attenuation, Supply,
and Temperature
Figure 18. 2 × LO Off Isolation vs. LO Frequency, Attenuation, Supply,
and Temperature
Figure 19. Second-Order and Third-Order Harmonic Distortion vs.
LO Frequency, Supply, and Temperature
Figure 20. Noise Floor at 0 dB Attenuation vs. Output Power
at Nominal Conditions
Figure 21. Noise Floor at 10 MHz Offset Frequency Distribution at
Worst-Case Conditions and Different Attenuation Settings
Figure 22. Normalized I and Q Input Bandwidth
–130
–120
–110
–100
–90
–80
–70
–60
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
ATTENUATION = 0dB
ATTENUATION = 21dB
ATTENUATION = 47dB
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
ATTENUATION = 0dB
ATTENUATION = 47dB
ATTENUATION = 21dB
–120
–110
–100
–90
–80
–70
–60
–50
–40
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
UPPER THIRD
HARMONIC (
fLO + 3 × fBB)
UPPER SECOND
HARMONIC (
fLO + 2 × fBB)
LOWER SECOND
HARMONIC (
fLO – 2 × fBB)
LOWER THIRD
HARMONIC (
fLO – 3 × fBB)
–165
–163
–161
–159
–157
–155
–153
–151
–149
–147
–145
–25
–20
–15
–10
–5
0
5
10
OUTPUT POWER (dBm)
0
10
20
30
40
50
60
70
80
90
100
–180 –176 –172 –168 –164 –160 –156 –152 –148 –144 –140
NOISE FLOOR AT 10MHz OFFSET FREQUENCY (dBm/Hz) AND (dBc/Hz)
ATTENUATION
= 21dB (dBc/Hz)
ATTENUATION
= 47dB (dBm/Hz)
ATTENUATION
= 21dB (dBm/Hz)
ATTENUATION
= 0dB (dBc/Hz)
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1
10
100
1000
I AND Q BASEBAND INPUT FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com