Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1387A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AT1387A
Description  6-Channel DC-DC Converter for DSC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT1387A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AT1387A Datasheet HTML 3Page - List of Unclassifed Manufacturers AT1387A Datasheet HTML 4Page - List of Unclassifed Manufacturers AT1387A Datasheet HTML 5Page - List of Unclassifed Manufacturers AT1387A Datasheet HTML 6Page - List of Unclassifed Manufacturers AT1387A Datasheet HTML 7Page - List of Unclassifed Manufacturers AT1387A Datasheet HTML 8Page - List of Unclassifed Manufacturers AT1387A Datasheet HTML 9Page - List of Unclassifed Manufacturers AT1387A Datasheet HTML 10Page - List of Unclassifed Manufacturers AT1387A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AT1387A
Preliminary Product Information
6-Channel DC-DC Converter for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
7
V
IL
Standby mode
0
-
0.7
V
V
IH
Active mode
1.3
-
VCC
V
CTL1 to CTL6 input voltage
V
IL
Standby mode
0
-
0.7
V
Input current
I
CTL
CTL = 5V
-
5
20
μ
A
Low battery detect block [LBI, LBO]
LBI detect threshold
1.20
1.22
1.24
V
Detect Hysteresis
-50
+50
mV
LBO output voltage low
Isink=1mA
-
-
0.4
V
LBO output high leakage
VLBO=5V
-0.01
1
μ
A
General(Output no Load)
Icss
CTL=CTL1=CTL2=CTL
3=CTL4=CTL5=CTL6=0
V
-1
10
μ
A
Standby current
Icss(o)
CTL=0V,
CTL1=CTL2=CTL3=CT
L4=CTL5=CTL6="H"
-200
250
μ
A
Power supply current
Icc1
CTL=CTL1=CTL2=CTL
3=CTL4=CTL5=CTL6="
H"
-5
7
mA
Power supply current
Icc2
CTL=”H”
CTL1=CTL2=CTL3=CT
L4=CTL5=CTL6="L"
-2
2.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com