Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXM17536ALYT Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAXM17536ALYT
Description  4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536ALYT Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAXM17536ALYT Datasheet HTML 6Page - Maxim Integrated Products MAXM17536ALYT Datasheet HTML 7Page - Maxim Integrated Products MAXM17536ALYT Datasheet HTML 8Page - Maxim Integrated Products MAXM17536ALYT Datasheet HTML 9Page - Maxim Integrated Products MAXM17536ALYT Datasheet HTML 10Page - Maxim Integrated Products MAXM17536ALYT Datasheet HTML 11Page - Maxim Integrated Products MAXM17536ALYT Datasheet HTML 12Page - Maxim Integrated Products MAXM17536ALYT Datasheet HTML 13Page - Maxim Integrated Products MAXM17536ALYT Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
(VIN = VEN/UVLO = 24V, VSGND = VPGND = 0V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.
All voltages are referenced to GND, unless otherwise noted. The circuit values for different output-voltage applications are as in Table 1,
unless otherwise noted.)
Typical Operating Characteristics (continued)
100mV/div
toc37
400
µs/div
LOAD TRANSIENT
(VIN = 24V, VOUT = 3.3V, IOUT = 0A TO 2A, PWM MODE)
1A/div
IOUT
VOUT (AC)
100mV/div
toc40
400µs/div
LOAD TRANSIENT
(VIN = 24V, VOUT = 3.3V, IOUT = 25mA TO 2A, PFM MODE)
1A/div
IOUT
VOUT (AC)
100mV/div
toc38
400
µs/div
LOAD TRANSIENT
(VIN = 24V, VOUT = 3.3V, IOUT = 2A TO 4A, PWM MODE)
2A/div
IOUT
VOUT (AC)
100mV/div
toc41
400
µs/div
LOAD TRANSIENT
(VIN = 24V, VOUT = 5V, IOUT = 25mA TO 2A, DCM MODE)
1A/div
IOUT
VOUT (AC)
100mV/div
toc39
400
µs/div
LOAD TRANSIENT
(VIN = 24V, VOUT = 5V, IOUT = 25mA TO 2A, PFM MODE)
1A/div
IOUT
VOUT (AC)
100mV/div
toc42
400
µs/div
LOAD TRANSIENT
(VIN = 24V, VOUT = 3.3V, IOUT = 25mA TO 2A, DCM MODE)
1A/div
IOUT
VOUT (AC)
Maxim Integrated │ 10
www.maximintegrated.com
MAXM17536
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down
SiP Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com