Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTHZ Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LTHZ
Description  Power Transducer Series LT-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTHZ Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LTHZ Datasheet HTML 1Page - M-System Co.,Ltd. LTHZ Datasheet HTML 2Page - M-System Co.,Ltd. LTHZ Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: LTHZ
LTHZ SPECIFICATIONS
ES-3361 Rev.12 Page 1/3
https://www.m-system.co.jp/
Power Transducer Series LT-UNIT
FREQUENCY TRANSDUCER
Functions & Features
• Provides a DC output signal in proportion to the deviation
(±5 Hz) from the center frequency (50 Hz or 60 Hz)
• DC output containing little ripple is ideal for computer
input
• Isolation up to 2000 V AC
• High-density mounting
• Conforms to IEC 60688
Typical Applications
• Centralized monitoring and control of power management
system in manufacturing facility or building
• Measuring frequency for UPS
39
(1.54)
143 (5.63)
111
(4.37)
mm (inch)
MODEL: LTHZ–[1][2][3]–[4][5]
ORDERING INFORMATION
• Code number: LTHZ–[1][2][3]-[4][5]
Specify a code from below for each of [1] through [5].
(e.g. LTHZ-11A-R/T/Q)
• Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01)
[1] FREQUENCY
1: 45 – 55 Hz
2: 55 – 65 Hz
3: 45 – 65 Hz
[2] VT INPUT
1: 100, 110, 115, 120 V AC
2: 190, 200, 210, 220, 230, 240 V AC
4: 380, 400, 415, 430, 440, 480 V AC
[3] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 500 Ω max.)
D: 0 – 20 mA DC(Load resistance 500 Ω max.)
F: 0 – 10 mA DC (Load resistance 1000 Ω max.)
G: 0 – 1 mA DC (Load resistance 10 kΩ max.)
J: 0 – 5 mA DC (Load resistance 2000 Ω max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[4] AUXILIARY POWER SUPPLY
AC Power
K3: 100 – 120V AC
(Operational voltage range 85 - 132 V, 47 - 66 Hz)
L3: 200 – 240V AC
(Operational voltage range 170 - 264 V, 47 - 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
V: 48 V DC
(Operational voltage range 48 V ± 10 % , ripple 10 % p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
(CE not available)
[5] OPTIONS (multiple selections)
Terminal Cover
blank: Without
/T: With
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection: M4 screw terminals (torque 1.2 N·m)
Screw terminal: Chrome-plated steel
Housing material: Flame-resistant resin (black)


Similar Part No. - LTHZ

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LTHZN MSYSTEM-LTHZN Datasheet
96Kb / 3P
Power Transducer Series LT-UNIT
LTHZN-110 MSYSTEM-LTHZN-110 Datasheet
96Kb / 3P
Power Transducer Series LT-UNIT
LTHZN-110/Q MSYSTEM-LTHZN-110/Q Datasheet
96Kb / 3P
Power Transducer Series LT-UNIT
LTHZN-110/T MSYSTEM-LTHZN-110/T Datasheet
96Kb / 3P
Power Transducer Series LT-UNIT
LTHZN-111 MSYSTEM-LTHZN-111 Datasheet
96Kb / 3P
Power Transducer Series LT-UNIT
More results

Similar Description - LTHZ

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LTWTN MSYSTEM-LTWTN Datasheet
130Kb / 5P
Power Transducer Series LT-UNIT
LTRPN MSYSTEM-LTRPN Datasheet
125Kb / 3P
Power Transducer Series LT-UNIT
LTRP MSYSTEM-LTRP Datasheet
156Kb / 7P
Power Transducer Series LT-UNIT
LTPFUN MSYSTEM-LTPFUN Datasheet
115Kb / 3P
Power Transducer Series LT-UNIT
LTPFU MSYSTEM-LTPFU Datasheet
121Kb / 4P
Power Transducer Series LT-UNIT
LTPE MSYSTEM-LTPE Datasheet
99Kb / 3P
Power Transducer Series LT-UNIT
LTPAUN MSYSTEM-LTPAUN Datasheet
115Kb / 3P
Power Transducer Series LT-UNIT
LTPAU MSYSTEM-LTPAU Datasheet
121Kb / 4P
Power Transducer Series LT-UNIT
LTPAN MSYSTEM-LTPAN Datasheet
114Kb / 3P
Power Transducer Series LT-UNIT
LTPA MSYSTEM-LTPA Datasheet
118Kb / 3P
Power Transducer Series LT-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com