Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V6SA Datasheet(PDF) 2 Page - Lanner All Rights Reserved.

Part # V6SA
Description  Fanless Vehicle NVR with 10x PoE Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.

V6SA Datasheet(HTML) 2 Page - Lanner All Rights Reserved.

  V6SA Datasheet HTML 1Page - Lanner All Rights Reserved. V6SA Datasheet HTML 2Page - Lanner All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Lanner Electronics Inc. All rights reserved.
All product specifications are subject to change without notice.
contact@lannerinc.com | www.lannerinc.com
V6SA
Intel® Core i7-7600U in-vehicle Mobile NVR with 10x Intel GbE PoE and IV-VPB6SA1A, External 200w DC power adapter
for+9V~36Vdc input with Ignition.
PGN-300
4G LTE Radio Modem with LTE Cat-6 embedded module, certified with PTCRB, AT&T, Verizon.
PGN-600
4G LTE-Advanced Pro Radio Modem with LTE Cat-12 embedded module, certified with PTCRB, AT&T.
Product I/O View
V6 Series Dimensions 307 x 188 x 105.2 mm
Ordering Information
V12-2020,7,22
A
B
C
Wall mount kit
Swappable Drive Bay
Swappable PGN Caddy
F
PoE x 10
E DC Relay & PoE
D DC Input
G COM x 2
H VGA / DVI
A
B
C
H
E
D
F
G
IV-VPB6SA1A Dimensions 223 x 143.8 x 45.7 mm
1
143.8
136
45.7
38.85
92
18
4
25
APPROVED
PART
NAME
OUTDIM DRAWING
MODEL
PART NO
EXAMINED
MATERIAL
UNIT
SCALE
PERSPECTIVE
FILE NAME
LVK-CPOE936BAT01-OUTDIM
THICKNESS
mm
1.000
VERSION
0.1
DATE
May-18-17
DESIGNED
COATING
CLASSIFICATION
SIZE
SHEET
REDDING
PAINTING
RAL9005
2
A1
1/1
MARK DATE
REV
DESCRIPTION
TOL
RANGE
X
X
X
X
NCT
DIE MOLD Extrusion
USER
0~10
0.15
0.10 0.10 0.10 XXX
10~50
0.20 0.15 0.15 0.15 XXX
50~100
0.25 0.20 0.20 0.20 XXX
100~300
0.30 0.20 0.25 0.20 XXX
300~600
0.35 0.25 0.30 0.25 XXX
600~1200
0.40 0.30 0.35 0.30 XXX
ANG TOL
1
1
1
1
1
1
2
3
4
5
6
7
8
A
B
C
D
E
F
9
10
11
12
G
H
13
14
15
16
I
J
K
L
M
N
O
P
H
G
F
E
D
C
B
A
M
L
K
J
I
22
21
20
19
18
17
7
6
5
4
3
2
1
9
8
A1(841*594)
I
J
SIM x 2
USB
I
J
K
Antenna
K
1
2
3
4
5
6
7
8
A
B
C
D
E
F
9
10
11
12
G
H
13
14
15
16
I
J
K
L
M
N
O
P
H
G
F
E
D
C
B
A
M
L
K
J
I
24
23
22
21
20
19
18
17
7
6
5
4
3
2
1
9
8
A0 (1189x841)
10
11
12
13
14
15
16
19
18
17
N
O
1
273.8
188
307
288.2
4.5
8
4
R2
180
MARK DATE
REV
DESCRIPTION
APPROVED
PART
NAME
OUTTER DIAMENSION
MODEL
IVC-6SA
PART NO
EXAMINED
MATERIAL
UNIT
SCALE
PERSPECTIVE
FILE NAME
IVC-6SA-outter-dim-02
THICKNESS
mm
1.000
VERSION 0.2
DATE
Jul-09-19
DESIGNED
COATING
CLASSIFICATION
SIZE
SHEET
REDDING
PAINTING
RAL9005
2
A0
1/1
TOL
RANGE
A
B
C
D
E
0~6
0.02
0.05
0.1
0.2
0.15
>6~30
0.03
0.1
0.15
0.3
0.15
>30~80
0.04
0.13
0.18
0.4
0.2
>80~150
0.05
0.15
0.2
0.5
0.2
>150~400
0.09
0.25
0.35
0.7
0.25
>400
0.12
0.35
0.5
1.0
0.35
ANGLE
0 - 30
0.1
>30 - 60
0.3
>60 - 90
0.5
1
2
3
4
5
6
7
8
A
B
C
D
E
F
9
10
11
12
G
H
13
14
15
16
I
J
K
L
M
N
O
P
H
G
F
E
D
C
B
A
M
L
K
J
I
24
23
22
21
20
19
18
17
7
6
5
4
3
2
1
9
8
A0 (1189x841)
10
11
12
13
14
15
16
19
18
17
N
O
1
273.8
188
307
288.2
4.5
8
4
R2
180
MARK DATE
REV
DESCRIPTION
APPROVED
PART
NAME
OUTTER DIAMENSION
MODEL
IVC-6SA
PART NO
EXAMINED
MATERIAL
UNIT
SCALE
PERSPECTIVE
FILE NAME
IVC-6SA-outter-dim-02
THICKNESS
mm
1.000
VERSION 0.2
DATE
Jul-09-19
DESIGNED
COATING
CLASSIFICATION
SIZE
SHEET
REDDING
PAINTING
RAL9005
2
A0
1/1
TOL
RANGE
A
B
C
D
E
0~6
0.02
0.05
0.1
0.2
0.15
>6~30
0.03
0.1
0.15
0.3
0.15
>30~80
0.04
0.13
0.18
0.4
0.2
>80~150
0.05
0.15
0.2
0.5
0.2
>150~400
0.09
0.25
0.35
0.7
0.25
>400
0.12
0.35
0.5
1.0
0.35
ANGLE
0 - 30
0.1
>30 - 60
0.3
>60 - 90
0.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com