Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3F8285 Datasheet(PDF) 39 Page - Samsung semiconductor

Part # S3F8285
Description  8-BIT CMOS MICROCONTROLLERS
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3F8285 Datasheet(HTML) 39 Page - Samsung semiconductor

Back Button S3F8285 Datasheet HTML 35Page - Samsung semiconductor S3F8285 Datasheet HTML 36Page - Samsung semiconductor S3F8285 Datasheet HTML 37Page - Samsung semiconductor S3F8285 Datasheet HTML 38Page - Samsung semiconductor S3F8285 Datasheet HTML 39Page - Samsung semiconductor S3F8285 Datasheet HTML 40Page - Samsung semiconductor S3F8285 Datasheet HTML 41Page - Samsung semiconductor S3F8285 Datasheet HTML 42Page - Samsung semiconductor S3F8285 Datasheet HTML 43Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 369 page
background image
S3C828B/F828B/C8289/F8289/C8285/F8285
ADDRESS SPACES
2-5
Table 2-2. S3C8289/F8289 Register Type Summary
Register Type
Number of Bytes
General-purpose registers (including the 16-byte
common working register area, four 192-byte prime
register area, and four 64-byte set 2 area)
LCD data registers
CPU and system control registers
Mapped clock, peripheral, I/O control, and data registers
1,040
38
13
68
Total Addressable Bytes
1,159
Table 2-3. S3C8285/F8285 Register Type Summary
Register Type
Number of Bytes
General-purpose registers (including the 16-byte
common working register area, two 192-byte prime
register area, and two 64-byte set 2 area)
LCD data registers
CPU and system control registers
Mapped clock, peripheral, I/O control, and data registers
528
38
13
68
Total Addressable Bytes
647



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com