Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP70NF3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP70NF3LL
Description  N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP70NF3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STP70NF3LL Datasheet HTML 1Page - STMicroelectronics STP70NF3LL Datasheet HTML 2Page - STMicroelectronics STP70NF3LL Datasheet HTML 3Page - STMicroelectronics STP70NF3LL Datasheet HTML 4Page - STMicroelectronics STP70NF3LL Datasheet HTML 5Page - STMicroelectronics STP70NF3LL Datasheet HTML 6Page - STMicroelectronics STP70NF3LL Datasheet HTML 7Page - STMicroelectronics STP70NF3LL Datasheet HTML 8Page - STMicroelectronics STP70NF3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
October 2003
NEW DATASHEET ACCORDING TO PCN DSG/CT/2C13 MARKING: P70NF3LL@ B70NF3LL@
STB70NF3LL
STP70NF3LL
N-CHANNEL 30V - 0.0075
Ω - 70A D²PAK/TO-220
LOW GATE CHARGE STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.0075 Ω @ 10 V
s
OPTIMAL RDS(on) x Qg TRADE-OFF @ 4.5 V
s
CONDUCTION LOSSES REDUCED
s
SWITCHING LOSSES REDUCED
DESCRIPTION
This application specific Power MOSFET is the
third genaration of STMicroelectronis unique "Sin-
gle Feature Size™" strip-based process. The re-
sulting transistor shows the best trade-off between
on-resistance and gate charge. When used as
high and low side in buck regulators, it gives the
best performance in terms of both conduction and
switching losses. This is extremely important for
motherboards where fast switching and high effi-
ciency are of paramount importance.
APPLICATIONS
s
SPECIFICALLY DESIGNED AND OPTIMISED
FOR HIGH EFFICIENCY CPU CORE DC/DC
CONVERTERS
s
SWITCHING APPLICATIONS
Ordering Information
TYPE
VDSS
RDS(on)
ID
STB70NF3LL
STP70NF3LL
30 V
30 V
< 0.0095
Ω
< 0.0095
Ω
70 A
70 A
SALES TYPE
MARKING
PACKAGE
PACKAGING
STB70NF3LLT4
B70NF3LL@
D2PAK
TAPE & REEL
STP70NF3LL
P70NF3LL@
TO-220
TUBE
1
2
3
1
3
TO-220
D2PAK
TO-263
(Suffix “T4”)
ABSOLUTE MAXIMUM RATINGS
(
•) Current limited by the package
(
••) Pulse width limited by safe operating area.
(1) ISD ≤70A, di/dt ≤350A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(2) Starting Tj = 25 oC, ID = 35A, VDD = 25V
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 16
V
ID(•)
Drain Current (continuous) at TC = 25°C
70
A
ID
Drain Current (continuous) at TC = 100°C
50
A
IDM(••)
Drain Current (pulsed)
280
A
Ptot
Total Dissipation at TC = 25°C
100
W
Derating Factor
0.67
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
5.5
V/ns
EAS (2)
Single Pulse Avalanche Energy
500
mJ
Tstg
Storage Temperature
-55 to 175
°C
Tj
Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP70NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP70NF03L STMICROELECTRONICS-STP70NF03L Datasheet
255Kb / 9P
N-CHANNEL 30V - 0.008ohm - 70A TO-220/I2PAK LOW GATE CHARGE STripFET??POWER MOSFET
Mar-2001
STP70NF03L STMICROELECTRONICS-STP70NF03L Datasheet
405Kb / 11P
N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/I2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
Jun-2003
STP70NF03L STMICROELECTRONICS-STP70NF03L Datasheet
463Kb / 15P
N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET™ II Power MOSFET
July 2006 Rev 10
logo
Inchange Semiconductor ...
STP70NF03L ISC-STP70NF03L Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP70NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB14NF10 STMICROELECTRONICS-STB14NF10 Datasheet
464Kb / 11P
N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
June 2002
STB30NF10 STMICROELECTRONICS-STB30NF10 Datasheet
455Kb / 11P
N-CHANNEL 100V - 0.038 ohm - 35A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
May-2002
STB70NF02L STMICROELECTRONICS-STB70NF02L Datasheet
46Kb / 6P
N-CHANNEL 20V - 0.006 OHM - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
20-Jan-2000
STB70NF03L STMICROELECTRONICS-STB70NF03L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.008 OHM - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STB70NF3LL STMICROELECTRONICS-STB70NF3LL Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.008 ohm - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STB90NF3LL STMICROELECTRONICS-STB90NF3LL Datasheet
175Kb / 7P
N-CHANNEL 30V - 0.0048 ohm - 80A D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Sep-2002
STP70NF03L STMICROELECTRONICS-STP70NF03L Datasheet
255Kb / 9P
N-CHANNEL 30V - 0.008ohm - 70A TO-220/I2PAK LOW GATE CHARGE STripFET??POWER MOSFET
Mar-2001
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
405Kb / 11P
N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/I2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
Jun-2003
STB70NF03L STMICROELECTRONICS-STB70NF03L_06 Datasheet
463Kb / 15P
N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET™ II Power MOSFET
July 2006 Rev 10
STB70NF3LL STMICROELECTRONICS-STB70NF3LL_06 Datasheet
465Kb / 13P
N-channel 30V - 0.0075ohm - 70A - D2PAK Low gate charge STripFET TM II Power MOSFET
25-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com