Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H723VGH6 Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32H723VGH6
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VGH6 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32H723VGH6 Datasheet HTML 86Page - STMicroelectronics STM32H723VGH6 Datasheet HTML 87Page - STMicroelectronics STM32H723VGH6 Datasheet HTML 88Page - STMicroelectronics STM32H723VGH6 Datasheet HTML 89Page - STMicroelectronics STM32H723VGH6 Datasheet HTML 90Page - STMicroelectronics STM32H723VGH6 Datasheet HTML 91Page - STMicroelectronics STM32H723VGH6 Datasheet HTML 92Page - STMicroelectronics STM32H723VGH6 Datasheet HTML 93Page - STMicroelectronics STM32H723VGH6 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 227 page
background image
Electrical characteristics
STM32H723xE/G
90/227
DS13313 Rev 2
6.3
Operating conditions
6.3.1
General operating conditions
Table 12. General operating conditions
Symbol
Parameter
Operating
conditions
Min
Typ
Max
Unit
VDD
Standard operating voltage
-
1.62(1)
-
3.6
V
VDDLDO
Supply voltage for the internal
regulator
VDDLDO ≤ VDD
1.62(1)
-3.6
VDD33USB
Standard operating voltage, USB
domain
USB used
3.0
-
3.6
USB not used
0
-
3.6
VDDA
Analog operating voltage
ADC or COMP used
1.62
-
3.6
DAC used
1.8
-
OPAMP used
2.0
-
VREFBUF used
1.8
-
ADC, DAC, OPAMP,
COMP, VREFBUF not
used
0-
VIN
I/O Input voltage
TT_xx I/O
−0.3
-
VDD+0.3
BOOT0
0
-
9
All I/O except BOOT0
and TT_xx
−0.3
-
Min(VDD,
VDDA,
VDD33USB)
+3.6V <
5.5V(2)
VCORE
Internal regulator ON (LDO)(3)
VOS3
0.95
1.0
1.05
V
VOS2
1.05
1.10
1.15
VOS1
1.15
1.21
1.26
VOS0
1.30
1.36
1.40
Regulator OFF: external VCORE
voltage must be supplied from
external regulator on VCAP pins
VOS3
0.98
1.03
1.08
VOS2
1.08
1.13
1.18
VOS1
1.18
1.23
1.28
VOS0
1.33
1.38
1.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com