| Electronic Components Datasheet Search |
|
STM32WLE5CCU6TR Datasheet(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE5CCU6TR Datasheet(HTML) 48 Page - STMicroelectronics |
|
48 / 145 page ![]() Functional overview STM32WLE5/E4xx 48/145 DS13105 Rev 8 3.30 Serial peripheral interface (SPI)/integrated-interchip sound interface (I2S) The SPI/I2S interface can be used to communicate with external devices using the SPI protocol or the I2S audio protocol. SPI or I2S mode is selectable by software. SPI Motorola® mode is selected by default after a device reset. The SPI protocol supports half-duplex, full-duplex and simplex synchronous, serial communication with external devices. The SPI interface can be configured as master and, in this case, it provides the communication clock (SCK) to the external slave device. The SPI interface can also operate in multimaster configuration. The I2S protocol is also a synchronous serial communication interface. It can operate in slave or master mode with half-duplex communication. It can address four different audio standards including the Philips I2S standard, the MSB- and LSB-justified standards and the PCM standard. 3.31 Development support Serial-wire JTAG debug port (SWJ-DP) The Arm SWJ-DP interface is embedded, and is a combined JTAG and serial-wire debug port, that enables either a serial-wire debug or a JTAG probe to be connected to the target. The debug is performed using only two pins instead of the five required by the JTAG (JTAG pins can then be reused as GPIOs with alternate function). The JTAG TMS and TCK pins are shared with SWDIO and SWCLK, respectively, and a specific sequence on the TMS pin is used to switch between JTAG-DP and SW-DP. Table 17. SPI and SPI/I2S implementation(1) 1. The SPI1 and SPI2S2 instances are general purpose type while the SUBGHZSPI instance is dedicated for Sub-GHz radio control exclusively. Radio is controlled internally through SUBGHZSPI and, for debug purpose only, from the external. Features SPI1 SPI2S2 SUBGHZSPI Enhanced NSSP and TI modes Yes Hardware CRC calculation Yes Yes No I2S support No Yes No Data size configurable (bits) from 4 to 16 Rx/Tx FIFO size (bits) 32 Wakeup capability from LPSleep Yes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |